Electronic Components Datasheet Search
  English  ▼

X  

DF201S-HF Datasheet(PDF) 4 Page - Comchip Technology

Part # DF201S-HF
Description  SMD Glass Passivated Bridge Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

DF201S-HF Datasheet(HTML) 4 Page - Comchip Technology

  DF201S-HF Datasheet HTML 1Page - Comchip Technology DF201S-HF Datasheet HTML 2Page - Comchip Technology DF201S-HF Datasheet HTML 3Page - Comchip Technology DF201S-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DF2005S-HF
DF201S-HF
DF202S-HF
DF204S-HF
DF206S-HF
DF208S-HF
Part Number
Marking code
Marking Code
XX / XXX = Product type marking code
C
= Comchip Logo
DF210S-HF
C
DF2XXXS
Standard Packaging
Case Type
1,000
REEL
( pcs )
Reel Size
(inch)
13
REEL PACK
DFS
DF2005S
DF201S
DF202S
DF204S
DF206S
DF208S
DF210S
Comchip Technology CO., LTD.
REV:A
Page 4
SMD Glass Passivated Bridge Rectifiers
Suggested P.C.B. PAD Layout
SIZE
(inch)
(mm)
DFS
A
B
C
D
E
F
1.30
2.30
2.60
6.90
9.20
11.50
0.051
0.091
0.102
0.272
0.362
0.453
A
B
C
D
E
F
QW-JBR21
~
~
+
−



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com