Electronic Components Datasheet Search
  English  ▼

X  

DF206S-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # DF206S-HF
Description  SMD Glass Passivated Bridge Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

DF206S-HF Datasheet(HTML) 2 Page - Comchip Technology

  DF206S-HF Datasheet HTML 1Page - Comchip Technology DF206S-HF Datasheet HTML 2Page - Comchip Technology DF206S-HF Datasheet HTML 3Page - Comchip Technology DF206S-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rating and Characteristics Curves (DF2005S-HF Thru. DF210S-HF)
Comchip Technology CO., LTD.
REV:A
Page 2
SMD Glass Passivated Bridge Rectifiers
Fig.1 - Derating Curve Output Rectified Current
Lead Temperature, (°C)
0
20
40
60
80
100 120 140 160
0
0.4
0.8
1.2
1.6
2.0
2.4
Fig.2 - Maximum Non-Repetitive Peak
Forward Surge Current Perleg
Number of Cycles
1
10
100
0
20
30
40
50
60
70
Fig.3 - Typical Forward Voltage Characteristics
Instantaneous Forward Voltage, (V)
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.01
0.1
1
10
Fig.4 - Typical Reverse Leakage Characteristics
Percent of Rated Peak Reverse Voltage, (%)
0
20
40
60
80
100
120
140
0.01
0.1
1
10
100
TJ=25°C
Pulse width=300µs
1% duty cycle
10
QW-JBR21
TJ=25°C
TJ=125°C
1cycle
f=60Hz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com