Electronic Components Datasheet Search
  English  ▼

X  

MBB0207 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # MBB0207
Description  Professional leaded resistors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MBB0207 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button MBB0207 Datasheet HTML 8Page - List of Unclassifed Manufacturers MBB0207 Datasheet HTML 9Page - List of Unclassifed Manufacturers MBB0207 Datasheet HTML 10Page - List of Unclassifed Manufacturers MBB0207 Datasheet HTML 11Page - List of Unclassifed Manufacturers MBB0207 Datasheet HTML 12Page - List of Unclassifed Manufacturers MBB0207 Datasheet HTML 13Page - List of Unclassifed Manufacturers MBB0207 Datasheet HTML 14Page - List of Unclassifed Manufacturers MBB0207 Datasheet HTML 15Page - List of Unclassifed Manufacturers MBB0207 Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
2002 Oct 07
14
BCcomponents
Product specification
Professional leaded resistors
MBA 0204; MBB 0207;
MBE 0414
stability for product
types:
STABILITY
CLASS 0,5
STABILITY
CLASS 1
STABILITY
CLASS 2
MBA 0204
1
Ω to 332 kΩ
0,22
Ω to < 1 Ω
> 332 k
Ω
MBB 0207
1
Ω to 1 MΩ
0,22
Ω to < 1 Ω
> 1 M
Ω
MBE 0414
1
Ω to 2,4 MΩ
0,22
Ω to < 1 Ω
> 2,4 M
Ω
4.25.3
−
endurance at
upper
category
temperature
125
°C; 1000 h
±(0,25% + 0,05 Ω)
±(0,5% + 0,05 Ω)
±1%
155
°C; 1000 h
±(0,5% + 0,05 Ω)
±(1% + 0,05 Ω)
±2%
4.24
3 (Ca)
damp heat,
steady state
40
±2 °C; 56 days;
93 +2/
−3% RH
±(0,5% + 0,05 Ω)
±(1% + 0,05 Ω)
±2%
4.23
climatic
sequence:
4.23.2
2 (Ba)
dry heat
155
°C; 16 h
4.23.3
30 (Db)
damp
heat,
cyclic
55
°C; 24 h;
90 to 100 % RH;
1 cycle
4.23.4
1 (Aa)
cold
−55 °C; 2 h
4.23.5
13 (M)
low air
pressure
8,5 kPa; 2 h;
15 to 35
°C
4.23.6
30 (Db)
damp
heat,
cyclic
55
°C; 5 days;
95 to 100 % RH;
5 cycles
±(0,5% + 0,05 Ω)
no visible
damage
±(1% + 0,05 Ω)
no visible
damage
±2%
no visible
damage
−
1 (Aa)
cold
−55 °C; 2 h
±(0,1% + 0,01 Ω)
±(0,25% + 0,05 Ω)
±0,5%
4.13
−
short time
overload
room temperature;
U = 2,5
×
or
U = 2
× Umax; 5 s
±(0,1% + 0,01 Ω)
no visible
damage
±(0,25% + 0,05 Ω)
no visible
damage
±0,5%
no visible
damage
4.19
14 (Na)
rapid change
of
temperature
30 minutes at LCT
and
30 minutes at UCT;
5cycles
±(0,1 % + 0,01 Ω)
no visible
damage
±(0,25% + 0,05 Ω)
no visible
damage
±0,5%
no visible
damage
4.29
45 (XA)
component
solvent
resistance
isopropyl alcohol
+23
°C; toothbrush
method
marking legible;
no visible damage
4.18.2
20 (Tb)
resistance to
soldering
heat
unmounted
components;
260
± 5 °C;
10
± 1s
±(0,1% + 0,01 Ω)
no visible
damage
±(0,25% + 0,05 Ω)
no visible
damage
±0,5%
no visible
damage
4.17
20 (Ta)
solderability
+235
°C; 2 s
solder bath method
good tinning (
≥ 95% covered); no visible damage
IEC
60115-1
CLAUSE
IEC
60068-2
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS
PERMISSIBLE CHANGE (
∆R/R)
P70 R
×



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com