Electronic Components Datasheet Search
  English  ▼

X  

XL6012 Datasheet(PDF) 4 Page - XLSEMI

Part # XL6012
Description  180KHz 60V 5A Switching Current Boost DC/DC Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XLSEMI [XLSEMI]
Direct Link  http://www.xlsemi.com/
Logo XLSEMI - XLSEMI

XL6012 Datasheet(HTML) 4 Page - XLSEMI

  XL6012 Datasheet HTML 1Page - XLSEMI XL6012 Datasheet HTML 2Page - XLSEMI XL6012 Datasheet HTML 3Page - XLSEMI XL6012 Datasheet HTML 4Page - XLSEMI XL6012 Datasheet HTML 5Page - XLSEMI XL6012 Datasheet HTML 6Page - XLSEMI XL6012 Datasheet HTML 7Page - XLSEMI XL6012 Datasheet HTML 8Page - XLSEMI XL6012 Datasheet HTML 9Page - XLSEMI Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Datasheet
180KHz 60V 5A Switching Current Boost DC/DC Converter
XL6012
Rev 1.3
www.xlsemi.com
4
Ordering Information
Order Information
Marking ID
Package Type
Packing Type Supplied As
XL6012E1
XL6012E1
TO220-5L
50 Units Per Tube/
1000 Units Per Box
XLSEMI Pb-free products, as designated with “E1” suffix in the par number, are RoHS compliant.
Absolute Maximum Ratings(Note1)
Parameter
Symbol
Value
Unit
Input Voltage
Vin
-0.3 to 45
V
Feedback Pin Voltage
VFB
-0.3 to Vin
V
EN Pin Voltage
VEN
-0.3 to Vin
V
Output Switch Pin Voltage
VSW
-0.3 to 60
V
Power Dissipation
PD
Internally limited
mW
Thermal Resistance (TO220-5L)
(Junction to Ambient, No Heatsink, Free Air)
RJA
30
oC/W
Maximum Junction Temperature
TJ
-40 to 150
oC
Operating Junction Temperature
TJ
-40 to 125
oC
Storage Temperature
TSTG
-65 to 150
oC
Lead Temperature (Soldering, 10 sec)
TLEAD
260
oC
ESD (HBM)
>2000
V
Note1: Stresses greater than those listed under Maximum Ratings may cause permanent
damage to the device. This is a stress rating only and functional operation of the device at
these or any other conditions above those indicated in the operation is not implied. Exposure
to absolute maximum rating conditions for extended periods may affect reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com