Electronic Components Datasheet Search
  English  ▼

X  

PTH08T230WAS Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # PTH08T230WAS
Description  6-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH08T230WAS Datasheet(HTML) 7 Page - Texas Instruments

Back Button PTH08T230WAS Datasheet HTML 3Page - Texas Instruments PTH08T230WAS Datasheet HTML 4Page - Texas Instruments PTH08T230WAS Datasheet HTML 5Page - Texas Instruments PTH08T230WAS Datasheet HTML 6Page - Texas Instruments PTH08T230WAS Datasheet HTML 7Page - Texas Instruments PTH08T230WAS Datasheet HTML 8Page - Texas Instruments PTH08T230WAS Datasheet HTML 9Page - Texas Instruments PTH08T230WAS Datasheet HTML 10Page - Texas Instruments PTH08T230WAS Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
www.ti.com
PTH08T230W, PTH08T231W
SLTS265F – NOVEMBER 2005 – REVISED MAY 2007
ELECTRICAL CHARACTERISTICS (continued)
TA =25°C, VI = 5 V, VO = 3.3 V, CI = 330 µF, CO1 = 200 µF ceramic, and IO = IO max (unless otherwise stated)
PARAMETER
TEST CONDITIONS
PTH08T231W
MIN
TYP
MAX
UNIT
fSYNC
Synchronization (SYNC) frequency
240
400
kHz
VSYNCH
SYNC High-Level Input Voltage
2
5.5
V
SmartSync Control
VSYNCL
SYNC Low-Level Input Voltage
0.8
V
tSYNC
SYNC Minimum Pulse Width
200
nSec
CI
External input capacitance
300 (7)
µF
without
Capacitance value
Ceramic
200 (8)
5000
µF
TurboTrans
CO
External output capacitance
see table
Capacitance value
Ceramic
5000 (10)
µF
with
(9)
Turbotrans
Capacitance
× ESR product (C
O × ESR)
100
1000
µF×mΩ
Per Telcordia SR-332, 50% stress,
MTBF
Reliability
6.7
106 Hr
TA = 40°C, ground benign
(7)
300 µF of ceramic or 330 µF of electrolytic input capacitance is required for proper operation. Electrolytic capacitance must be rated for
a minimum of 450 mA rms of ripple current. An additional 22-
µF ceramic input capacitor is recommended to reduce rms ripple current.
(8)
200 µF ceramic external output capacitance is required for basic operation. The required ceramic output capacitance can be made up of
2
×100µF or 4×47µF. The minimum output capacitance requirement increases when TurboTrans™ (TT) technology is used. See the
Application Information for more guidance.
(9)
When using TurboTrans™ technology, a minimum value of output capacitance is required for proper operation. Additionally, low ESR
capacitors are required for proper operation. See the TurboTrans application notes for further guidance.
(10) This is the calaculated maximum when using the TurboTrans feature. Additionally, low ESR capacitors are required for proper operation.
See the TurboTrans application notes for further guidance.
Copyright © 2005–2007, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): PTH08T230W PTH08T231W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com