Electronic Components Datasheet Search
  English  ▼

X  

PTH08T231WAS Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # PTH08T231WAS
Description  6-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH08T231WAS Datasheet(HTML) 4 Page - Texas Instruments

  PTH08T231WAS Datasheet HTML 1Page - Texas Instruments PTH08T231WAS Datasheet HTML 2Page - Texas Instruments PTH08T231WAS Datasheet HTML 3Page - Texas Instruments PTH08T231WAS Datasheet HTML 4Page - Texas Instruments PTH08T231WAS Datasheet HTML 5Page - Texas Instruments PTH08T231WAS Datasheet HTML 6Page - Texas Instruments PTH08T231WAS Datasheet HTML 7Page - Texas Instruments PTH08T231WAS Datasheet HTML 8Page - Texas Instruments PTH08T231WAS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
PTH08T230W, PTH08T231W
SLTS265F – NOVEMBER 2005 – REVISED MAY 2007
TA =25°C, VI = 5V, VO = 3.3V, CI = 330µF, CO1 = 200µF ceramic, CO2 = 100µF, IO = IOmax (unless otherwise stated)
PARAMETER
TEST CONDITIONS
PTH08T230W
MIN
TYP
MAX
UNIT
IO
Output current
Over VO range
25
°C, natural convection
0
6
A
11
× V
O
0.69
≤ VO ≤ 1.2
4.5
(1)
VI
Input voltage range
Over IO range
V
1.2 < VO ≤ 3.6
4.5
14
3.6 < VO ≤ 5.5
VO +1
(2)
14
Output adjust range
Over IO range
0.69
5.5
V
Set-point voltage tolerance
±1.0 (3)
%Vo
Temperature variation
–40
°C < T
A < 85°C
±0.25
%Vo
VO
Line regulaltion
Over VI range
±3
mV
Load regulation
Over IO range
±2
mV
Total output variation
Includes set-point, line, load, –40
°C ≤ T
A ≤ 85°C
±1.5 (3)
%VO
RSET = 169 Ω, VI = 8.0 V, VO = 5.0V
95%
RSET = 1.21 kΩ, VO = 3.3 V
92%
RSET = 2.37 kΩ, VO = 2.5 V
90%
RSET = 4.75 kΩ, VO = 1.8 V
88%
η
Efficiency
IO = 6 A
RSET = 6.98 kΩ, VO = 1.5 V
87%
RSET = 12.1 kΩ, VO = 1.2 V
85%
RSET = 20.5 kΩ, VO = 1.0 V
83%
RSET = 681 Ω, VO = 0.7 V
79%
VO Ripple (peak-to-peak)
20-MHz bandwidth
1
%VO
ILIM
Overcurrent threshold
Reset, followed by auto-recovery
10
A
Recovery Time
70
µSec
w/o TurboTrans
CO1 = 200 µF, ceramic
VO Overshoot
150
mV
w/o TurboTrans (4)
Recovery Time
100
µSec
2.5 A/µs load step
CO1 = 200 µF, ceramic
Transient response
50% to 100% IOmax
VO Overshoot
100
mV
CO2 = 330 µF, Type B
VO = 2.5 V
with TurboTrans
Recovery Time
150
µSec
CO1 = 200 µF, ceramic
CO2 = 330 µF, Type B
VO Overshoot
60
mV
RTT = 11.3 kΩ
IIL
Track input current (pin 9)
Pin to GND
-130 (5)
µA
dVtrack/dt
Track slew rate capability
CO ≤ CO (max)
1
V/ms
VI increasing, RUVLO = OPEN
4.3
4.45
Adjustable Under-voltage lockout
UVLOADJ
VI decreasing, RUVLO = OPEN
4.0
4.2
V
(pin 10)
Hysteresis, RUVLO ≤ 52.3 kΩ
0.5
Input high voltage (VIH)
Open(6)
V
Inhibit control (pin 10)
Input low voltage (VIL)
-0.2
0.6
Input low current (IIL), Pin 10 to GND
235
µA
Iin
Input standby current
Inhibit (pin 10) to GND, Track (pin 9) open
5
mA
f s
Switching frequency
Over VI and IO ranges, SmartSync (pin 1) to GND
300
kHz
(1)
The maximum input voltage is duty cycle limited to (VO × 11)V or 14V, whichever is less. The maximum allowable input voltage is a
function of switching frequency, and may increase or decrease when the SmartSync feature is used. Please review the SmartSync
section of the Application Information for further guidance.
(2)
The minimum input voltage is 4.5V or (VO+1)V, whichever is greater. Additional input capacitance may be required when VI < (VO+2)V.
(3)
The set-point voltage tolerance is affected by the tolerance and stability of RSET. The stated limit is unconditionally met if RSET has a
tolerance of 1% with 100 ppm/C or better temperature stability.
(4)
Without TurboTrans, the minimum ESR limit of 7 m
Ω must not be violated.
(5)
A low-leakage (<100 nA), open-drain device, such as MOSFET or voltage supervisor IC, is recommended to control pin 9. The
open-circuit voltage is less than 6.5 Vdc.
(6)
This control pin has an internal pull-up. Do not place an external pull-up on this pin. If it is left open-circuit, the module operates when
input power is applied. A small, low-leakage (<100 nA) MOSFET is recommended for control. For additional information, see the related
application information section.
4
Submit Documentation Feedback
Copyright © 2005–2007, Texas Instruments Incorporated
Product Folder Link(s): PTH08T230W PTH08T231W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com