Electronic Components Datasheet Search
  English  ▼

X  

AP110N30MP Datasheet(PDF) 3 Page - A POWER MICROELECTRONICS

Part # AP110N30MP
Description  300V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP110N30MP Datasheet(HTML) 3 Page - A POWER MICROELECTRONICS

  AP110N30MP Datasheet HTML 1Page - A POWER MICROELECTRONICS AP110N30MP Datasheet HTML 2Page - A POWER MICROELECTRONICS AP110N30MP Datasheet HTML 3Page - A POWER MICROELECTRONICS AP110N30MP Datasheet HTML 4Page - A POWER MICROELECTRONICS AP110N30MP Datasheet HTML 5Page - A POWER MICROELECTRONICS AP110N30MP Datasheet HTML 6Page - A POWER MICROELECTRONICS AP110N30MP Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AP110N30MP
300V N-Channel Enhancement Mode MOSFET
AP110N30MP REV1.0
永源微電子科技有限公司
Typical Characteristics
Figure 1. Output Characteristics
Figure 2. Extended Output Characteristics
Figure3. Output Characteristics
Figure4. RDS(on) Normalized to ID = 40A
Value vs.Junction TemperatureFigure
Figure5.RDS(on) Normalized to ID=40A Value vs.
Figure 6. Normalized Breakdown & Threshold
Drain Curren
Voltagesvs. Junction Temperature



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com