Electronic Components Datasheet Search
  English  ▼

X  

B32356 Datasheet(PDF) 2 Page - EPCOS

Part # B32356
Description  Film capacitors-AC capacitors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32356 Datasheet(HTML) 2 Page - EPCOS

  B32356 Datasheet HTML 1Page - EPCOS B32356 Datasheet HTML 2Page - EPCOS B32356 Datasheet HTML 3Page - EPCOS B32356 Datasheet HTML 4Page - EPCOS B32356 Datasheet HTML 5Page - EPCOS B32356 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Film capacitors – AC capacitors
Motor run capacitors
B32356 – MotorCap™ P2 Compact
FK PC PM AC
January 2008
Construction
Dielectric: polypropylene film
Electrode: segmented metallized film
Plastic can and top material to IEC 60335-1
Dry type
Features
Self-healing properties
Low dissipation factor
P2 safety class to IEC 60252-1 2001-02
High insulation resistance
Case IP 53 protected
IEC/EN 60335 compatible
Typical applications
For general sine wave applications,
mainly as motor run capacitor
Terminals
Twin core cable type PP 2 × 0.50 mm2, 600 V, 95 °C
Connectors on request
Mounting parts (optional)
Threaded stud at bottom of can (M8, max. torque = 5 Nm)
Locking clip for mounting into a hole of Ø 8 mm
Technical data and specifications
Reference standards
IEC 60252-1 2001-02 / EN 60252 2001
Safety class to IEC 60252-1 2001-02
P2
Life expectancy to IEC 60252 2001
400 V/85 °C:
30000 h (class A)
450 V/85 °C:
10000 h (class B)
Rated capacitance CR
2.0 ... 20 µF
Tolerance
±5%, other tolerances upon request
Rated voltage VR
400 V AC, 450 V AC
Rated frequency fR
50/60 Hz
Maximum ratings
Maximum permissible voltage Vmax
1.1 · VR
(VR= rated voltage)
Maximum permissible current Imax
1.3 · IR
(IR= rated current)
Please read the important notes,
Page 2 of 6
cautions and warnings.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com