Electronic Components Datasheet Search
  English  ▼

X  

SL-101R Datasheet(PDF) 1 Page - Electronic Hardware Corporation

Part # SL-101R
Description  Shaft Locks
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EHC [Electronic Hardware Corporation]
Direct Link  http://www.ehcknobs.com/
Logo EHC - Electronic Hardware Corporation

SL-101R Datasheet(HTML) 1 Page - Electronic Hardware Corporation

  SL-101R Datasheet HTML 1Page - Electronic Hardware Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Electronic Hardware Corporation
320 Broad Hollow Road, Farmingdale, NY 11735
PHONE:
631.752.1950 FAX: 631.752.1971 WWW.ehcknobs.com
EMAIL: sales@ehcknobs.com
1-800-752-1680
50
Features
Shaft Lock
All Plastic
Shaft Locks
EHC Shaft Locks prevent control shafts from rotating under conditions of shock, vibration, or accidental
contact. They form a dust and waterproof seal at the shaft and also at the panel surface. One-piece
construction, they are simple, effective, and inexpensive.
The Shaft Lock’s tapered nylon collar grips the control shaft tightly forming a dust and water-tight seal
and exerting an even frictional drag which resists accidental rotation. A molded lip at the outer edge
of the base compresses against the panel surface to complete the sealing function of the device. To
adjust the control smoothly and accurately, merely insert to screwdriver and turn — no unlocking and
relocking required. Tests have demonstrated no significant change in locking torque and water sealing
even after 10,000 full on — full off cycles.
Shaft Locks mount directly to the threaded bushings found on most potentiometers and other variable
controls. Simply discard the nuts and washers supplied with the control, slip on the Shaft Lock, and
tighten with any type of standard 1/2 inch wrench. Once in place, the Shaft Lock need never be
loosened — a distinct advantage over conventional two-piece metal split bushing types.
Shaft Locks are available for 1/4 inch and 1/8 inch control shafts. Model SL-110B is designed specifically
for use with .90 diameter standard EHC control knobs (see pages 2 through 5). SL-110B fits underneath
the .90 diameter knob and is completely out of sight. It is often a replacement for more expensive and
complicated locking devices and provides the same high quality performance as the regular models.
When mounting SL-110B, it is sometimes advisable to mount the standard mounting nut behind the
panel if the control’s threaded bushing projects too far.
SL100B & SL101R
1/4" Model
SL110B
Knob Locking Model
1/4" Model
SL105B
1/8" Model
AK-1047
5/16" Hex OD
C
D
A
B
;;;
;;;
;;;
;;;
• Water and dust seal at shaft and panel
• Resists shock and vibration
• Tested for humidity, water immersion, and
temperature shock.
• Passes 10,000 life cycling test
Material: Nylon
• Control adjustments may be without
untightening nut
• One-piece construction
• Mounts with standard tools
• Highest quality materials
Material and
Specification Data
Nylon – MIL-M-20693
Insert – Brass per QQ-B-626 Nickel plated
per QQ-N-290, Class 1, Type V
Shock – 50 g’s
Vibration – 5 hours at 10 to 55 cps with
amplitude of 0.06"
Water Immersion – 50 hours under 3 ft. head
of water. Control shaft
rotated every 10 hours.
Temperature Shock – Five cycles of
30 minutes at
each extreme,
-55°C and +85°C
Humidity – 150 hours at 95%
relative humidity 40°C
Life Wear – 10,000 complete cycles
Part Number
A
B
C
D
Diam. max.
Height max.
Diam. max.
Depth max.
SL-100B
.480
.348
.630
.505
SL-101R
.480
.348
.630
.505
SL-105B
.317
.223
.455
.380
SL-110B
.286
.187
.630
.505
ORDERING GUIDE FOR SHAFT LOCKS
Control Bushing
Thread Size
3
⁄8 - 32 NEF-2
3
⁄8 - 32 NEF-2
1
⁄4 - 32 NEF-2
3
⁄8 - 32 NEF
Series
SL-100B
SL-101R
SL-105B
SL-110B
Standard Models
Knob Locking Model*
Series
Black
Red
Black
Black
For
Shaft
Size
1
⁄4”
1
⁄4”
1
⁄8”
1
⁄4”
*Use with any .90 diameter, or larger, ring or dial skirted round, skirted pointer, or crank knob.
“B” dimension is the maximum thread height above the mounting panel.
;;;;;;;;;
;;;;;;;;;
;;;;;;;;;
;;;;;;;;;
;;;;;;;;;
;;;;;;;;;
A
F
B
C
D
E
G
Part Number
A
B
C
D
E
F
G
Diam.
Height Height
Height Diam. max. Diam.
Thread
AK1047-2-4
.288
.230
.180
.078
.355
.113
1/4-32
AK1049-2-4
.437
.257
.197
.120
.505
.113
1/4-32
AK1049-2-6
.437
.257
.197
.120
.505
.113
3/8-32
AK1049-4-6
.437
.257
.197
.120
.505
.240
3/8-32
Shaft Locks


Similar Part No. - SL-101R

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
SL-105-T-12 SAMTEC-SL-105-T-12 Datasheet
331Kb / 1P
LOW PROFILE MACHINED SOCKET STRIPS
SL-106-T-19 SAMTEC-SL-106-T-19 Datasheet
331Kb / 1P
LOW PROFILE MACHINED SOCKET STRIPS
SL-108-G-12 SAMTEC-SL-108-G-12 Datasheet
118Kb / 1P
ASSEMBLY SOCKET STRIP
logo
Everlight Electronics C...
SL-10A EVERLIGHT-SL-10A Datasheet
370Kb / 5P
No UV or IR light radiation
2011-06-10
SL-10A-C-P05-30-E30-EU EVERLIGHT-SL-10A-C-P05-30-E30-EU Datasheet
370Kb / 5P
No UV or IR light radiation
2011-06-10
More results

Similar Description - SL-101R

ManufacturerPart #DatasheetDescription
logo
FCI connector
86551007TLF FCI-CONNECTOR-86551007TLF Datasheet
63Kb / 1P
FEMALE SCREW LOCKS
86551009TLF FCI-CONNECTOR-86551009TLF Datasheet
49Kb / 1P
FEMALE SCREW LOCKS
86551167TLF FCI-CONNECTOR-86551167TLF Datasheet
64Kb / 1P
FEMALE SCREW LOCKS
logo
Tyco Electronics
1825620-1 MACOM-1825620-1 Datasheet
52Kb / 1P
SHAFT ADAPTER
logo
FCI connector
863004ATLF FCI-CONNECTOR-863004ATLF Datasheet
78Kb / 1P
MALE SCREW LOCKS
logo
OEN India Limited
04-TL19 OENINDIA-04-TL19 Datasheet
1Mb / 2P
Twist Locks, Standard
logo
TT Electronics.
PS100 TTELEC-PS100 Datasheet
524Kb / 3P
Metal shaft
logo
SparkFun Electronics
ROB-12137 SPARKFUN-ROB-12137 Datasheet
90Kb / 1P
Shaft - D-Shaft (Stainless; 1/4D x 7.00L)
2/11/2016
ROB-12363 SPARKFUN-ROB-12363 Datasheet
91Kb / 1P
Shaft - D-Shaft (Stainless; 1/4D x 8.00L)
2/11/2016
ROB-12555 SPARKFUN-ROB-12555 Datasheet
91Kb / 1P
Shaft - D-Shaft (Stainless; 1/4D x 2.75L)
2/11/2016
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com