Electronic Components Datasheet Search
  English  ▼

X  

BAV170 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BAV170
Description  DUAL SURFACE MOUNT LOW LEAKAGE DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAV170 Datasheet(HTML) 2 Page - Diodes Incorporated

  BAV170 Datasheet HTML 1Page - Diodes Incorporated BAV170 Datasheet HTML 2Page - Diodes Incorporated BAV170 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BAV170
0
50
100
0
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (°C)
Fig. 1 Power Derating Curve
A
150
200
250
300
10
1.0
100
1,000
0.1
0.01
01
2
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
0.1
1
10
050
150
100
200
T , AMBIENT TEMPERATURE ( C)
Fig. 3 Typical Reverse Characteristics
A
°
V = 75V
R
Device mounted on an
FR4 printed-circuit board
Single diode loaded
Double diode loaded
0
50
100
150
200
300
200
250
100
150
50
0
T , AMBIENT TEMPERATURE ( C)
Fig. 4 Current Derating Curve
A
°
Ordering Information (Note 4)
BAV170
Document number: DS30234 Rev. 9 - 2
2 of 3
www.diodes.com
April 2008
© Diodes Incorporated
Part Number
Case
Packaging
BAV170-7-F
SOT-23
3000/Tape & Reel
Notes:
4. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
K51
K51 = Product Type Marking Code
YM = Date Code Marking
Y = Year ex: N = 2002
M = Month ex: 9 = September
Date Code Key
Year
2001
2002
2003
2004
2005
2006
2007
2008
2009
2010
2011
2012
Code
M
N
P
R
S
T
U
V
W
X
Y
Z
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com