Electronic Components Datasheet Search
  English  ▼

X  

M75018 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # M75018
Description  IONIZATION SMOKE DETECTOR WITH INTERCONNECT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M75018 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  M75018 Datasheet HTML 1Page - List of Unclassifed Manufacturers M75018 Datasheet HTML 2Page - List of Unclassifed Manufacturers M75018 Datasheet HTML 3Page - List of Unclassifed Manufacturers M75018 Datasheet HTML 4Page - List of Unclassifed Manufacturers M75018 Datasheet HTML 5Page - List of Unclassifed Manufacturers M75018 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2/6
2007-07-27
一華半導體股份有限公司
MOSDESIGN SEMICONDUCTOR CORP.
IONIZATION SMOKE DETECTOR
WITH INTERCONNECT
SMOKE DETECTOR
M75018
PIN AND CIRCUIT DESCRIPTION
Pin No
Pin Name
I/O
Function
1DET_COMP
O This pin provide a method of measuring the detect signal.
2I/O
I/O
To allow multiple smoke detectors to be command. If any single unit detect smoke (I/O is
driven high), all connected units will sound their associated horns. The Led is suppressed
when an alarm is signaled from an interconnected unit. An internal NMOS device acts as a
charge dump to aid in applications involving a large (distributed) capacitance on pin 2. The
charge dump is activated only on the removal of a local alarm.
3LOW-V SET
I
The low battery threshold is set internally by a voltage divider connected between VDD and
VSS. The threshold can be increased by connecting a resistor to VDD. The threshold can be
decreased by connecting a resistor to VSS. It will be a slight interaction here due the
common voltage divider network. The battery voltage level is checked every 40 seconds
during the 10mA, battery loading remains at 10 mA.10ms LED pulse.
4
STROBE OUT
I The detector sensitivity can be decreased by connecting a resistor to pin 13.
5
LED
O
The 9 Volt battery level is checked every 40 seconds during the LED pulse. The battery is
loaded via a 10mA pulse for 11.6 ms.
6VDD
─ Power supply
7TIME_RES.
I
A resistor between this pin and VDD is part of the oscillator and sets the capacitor charge
and discharge current(default 8.2MΩ).
8
FEEDBACK
I
This pin input to the feedback electrode. If the FEEDBACK pin is not used, it must be
connected to VDD or VSS.
9VSS
─ Ground
10
HORN1
O
11
HORN2
O
These two pins are used in conjunction with external passive components and a self-
resonating piezoelectric transducer. HORN1 is connected to the piezo metal support
electrode; the complementary output, HORN2, is connected to the ceramic electrode. A
continuous modulated tone indicates either a local or remote alarm condition. A short (10ms)
chirp indicates a low-battery chirp occurs almost simultaneous with the visible LED flash.
12
OSC_CAP.
I
A capacitor between this pin and VSS is part of the oscillator and sets charge and discharge
time (default 0.1μF).
13
SEN_SET
I
The detector sensitivity to smoke is set internally by a voltage divider connected between
VDD and VSS. The sensitivity can be externally adjusted to the individual characteristics of
the ionization chamber by connecting a resistor between pin13 and VDD, or between pin 13
and VSS. It will be a slight interaction here due the common voltage divider network.
14
GUARD1
I
This will keep surface leakage currents to a minimum and provide a method of measuring the
input voltage without loading the ionization chamber.
15
DECTOR IN
I This pin is the ionization-type
smoke detector input.
16
GUARD2
I
The voltage at these pins will be within 100mV of the input signal. This will keep surface
leakage currents to a minimum and provide a method of measuring the input voltage without
loading the ionization chamber.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com