Electronic Components Datasheet Search
  English  ▼

X  

AP140N09P Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP140N09P
Description  95V N-Channel Enhancement Mode MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP140N09P Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP140N09P Datasheet HTML 1Page - A POWER MICROELECTRONICS AP140N09P Datasheet HTML 2Page - A POWER MICROELECTRONICS AP140N09P Datasheet HTML 3Page - A POWER MICROELECTRONICS AP140N09P Datasheet HTML 4Page - A POWER MICROELECTRONICS AP140N09P Datasheet HTML 5Page - A POWER MICROELECTRONICS AP140N09P Datasheet HTML 6Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AP140N09PIT
95V N-Channel Enhancement Mode MOSFET
AP120N09PIT RVE1.0
Description
The AP140N09P/T uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 10V.
This device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS =95V ID =140A
RDS(ON) < 5.3mΩ VGS=10V (Type:4.3mΩ)
Application
Battery protection
Load switch
Uninterruptible power supply
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP140N09P
TO-220-3L
AP140N09P XXX YYYY
1000
AP140N09T
TO-263-3L
AP140N09T XXX YYYY
800
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
95
V
VGS
Gate-Source Voltage
±20
V
ID@TC=25℃
Continuous Drain Current, VGS @ 10V
140
A
ID@TC=100℃
Continuous Drain Current, VGS @ 10V
93
A
IDM
Pulsed Drain Current
480
A
EAS
Single Pulse Avalanche Energy
650
mJ
IAS
Avalanche Current
45.4
A
Ptot @TC=25℃
Power dissipation
223
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
RθJA
Thermal Resistance Junction-Ambient
0.64
℃
/W
RθJC
Thermal Resistance Junction-Case
56
℃
/W
永源微電子科技有限公司


Similar Part No. - AP140N09P

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP140N03NF-C APME-AP140N03NF-C Datasheet
1Mb / 7P
30V N-Channel Enhancement Mode MOSFET
REV1.0
AP140N04D APME-AP140N04D Datasheet
857Kb / 7P
40V N-Channel Enhancement Mode MOSFET
REV1.0
AP140N04NF APME-AP140N04NF Datasheet
1Mb / 7P
40V N-Channel Enhancement Mode MOSFET
AP140N06D APME-AP140N06D Datasheet
678Kb / 7P
60V N-Channel Enhancement Mode MOSFET
REV1.0
AP140N06NF APME-AP140N06NF Datasheet
713Kb / 7P
60V N-Channel Enhancement Mode MOSFET
REV1.0
More results

Similar Description - AP140N09P

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2302M STANSON-ST2302M Datasheet
170Kb / 6P
N Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN4920A SYNC-POWER-SPN4920A Datasheet
235Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN4972 SYNC-POWER-SPN4972 Datasheet
242Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN8080 SYNC-POWER-SPN8080 Datasheet
239Kb / 10P
N-Channel Enhancement Mode MOSFET
SPN9507 SYNC-POWER-SPN9507 Datasheet
237Kb / 9P
N-Channel Enhancement Mode MOSFET
SPN9971 SYNC-POWER-SPN9971 Datasheet
269Kb / 10P
N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com