Electronic Components Datasheet Search
  English  ▼

X  

PCM1602B Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # PCM1602B
Description  SPECIFICATIONS FOR LCD MODULE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PCM1602B Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button PCM1602B Datasheet HTML 13Page - List of Unclassifed Manufacturers PCM1602B Datasheet HTML 14Page - List of Unclassifed Manufacturers PCM1602B Datasheet HTML 15Page - List of Unclassifed Manufacturers PCM1602B Datasheet HTML 16Page - List of Unclassifed Manufacturers PCM1602B Datasheet HTML 17Page - List of Unclassifed Manufacturers PCM1602B Datasheet HTML 18Page - List of Unclassifed Manufacturers PCM1602B Datasheet HTML 19Page - List of Unclassifed Manufacturers PCM1602B Datasheet HTML 20Page - List of Unclassifed Manufacturers PCM1602B Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
Copyright © 2006 Pacer PLC
PAGE 17 OF 22
13.2 ‡‡‡‡ Read Operation
Ta=25 , VDD=5.0± 0.5V
Item
Symbol
Min
Typ
Max
Unit
Enable cycle time
tcycE
1200
ns
Enable pulse width (high level)
PWEH
140
ns
Enable rise/fall time
tEr,tEf
25
ns
Address set-up time (RS, R/W to E)
tAS
0
ns
Address hold time
tAH
10
ns
Data delay time
tDDR
100
ns
Data hold time
tDHR
10
ns
VIH1
VIL1
VIH1
VIL1
tcycE
VOH1
VOL1*
tAS
tAH
tAH
tEf
tDHR
PWEH
tEr
VIL1
VIH1
VIL1
VIH1
VIL1
RS
R/W
E
DB0 to DB7
VIH1
VIH1
VOH1
*VOL1
Valid data
tDDR
NOTE: *VOL1 is assumed to be 0.8V at 2 MHZ operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com