Electronic Components Datasheet Search
  English  ▼

X  

489 Datasheet(PDF) 1 Page - Walther-Werke

Part # 489
Description  Sockets IP 44
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALTHER [Walther-Werke]
Direct Link  http://www.walther-werke.de/
Logo WALTHER - Walther-Werke

489 Datasheet(HTML) 1 Page - Walther-Werke

  489 Datasheet HTML 1Page - Walther-Werke 489 Datasheet HTML 2Page - Walther-Werke  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Part numbers
400 V
50 a. 60 Hz
3pole 4pole 5pole
9h
6h
6h
500 V
50 a. 60 Hz
3pole 4pole 5pole
7h
7h
7h
>
50 - 500 V
100 -
300 Hz
3pole 4pole 5pole
10h
10h
10h
>
50 - 500 V
over 300 -
500 Hz
3pole 4pole 5pole
2h
2h
2h
g
3
2 P + E
4
3 P + E
3 P + N + E
5
110 V
50 a. 60 Hz
3pole 4pole 5pole
4h
4h
4h
230 V
50 a. 60 Hz
3pole 4pole 5pole
6h
9h
9h
10
Other voltages and frequencies on request
pic.130
Wall sockets
IP 44, external fixing, 1 top cable entry
pic. 131
16
3
111 304
111 306
111 309
5
356
16
4
111 404
111 409
111 406
111 407
111 410
111 402
5
389
16
5
111 504
111 509
111
5425
16
5
111 NI (NI = with nickel plated contacts & glass-fibre reinforced enclosure)
32
3
131 304
131 306
131 309
5
426
32
4
131 404
131 409
131 406
131 407
131 410
131 402
5
453
32
5
131 504
131 509
131
5489
32
5
131 NI (NI = with nickel plated contacts & glass-fibre reinforced enclosure)
Wall sockets
IP 44, internal fixing, 2 cable entries both, top and bottom
Sockets IP 44
IEC/EN 60 309
16
3
114 306
5
457
16
3
115 306 2)
5
467
32
3
134 306 3)
5
563
32
3
135 306 2)
5
595
16
5
114
5
525
16
5
114 UV 1)
5
525
16
5
115 2)
5
537
16
5
115 NI (NI = with nickel plated contacts & glass-fibre reinforced enclosure)
32
5
134 3)
5
538
32
5
134 UV 1, 3)
5
538
32
5
135 2)
5
619
pic.134
Mini combinations
IP 44, CEEtyp wall socket with Schuko socket
63
3
161 304
161 306
161 309
1
825
63
4
161 404
161 409
161 406
161 407
161 410
161 402
2
1046
63
5
161 504
161 509
161
2
1105
63
5
161 NI (NI = with nickel plated contacts & glass-fibre reinforced enclosure)
pic.161
pic.163
63
3
163 304
163 306
163 309
1
1590
63
4
163 404
163 409
163 406
163 407
163 410
163 402
2
1830
63
5
163 504
163 509
163
2
1900
Wall sockets
IP 44, internal fixing, cable entries: 2 x top, 2 x bottom (knock-out)
Wall sockets, internal fixing,
IP 44
16
3
110 304
110 306
110 309
10/60
161
16
3
110 306 AS = lockable with padlock (padlock is not included)
16
4
110 404
110 409
110 406
110 407
110 410
110 402
10
209
16
5
110 504
110 509
110
10/60
227
16
5
110 NI (NI = with nickel plated contacts & glass-fibre reinforced enclosure)
32
3
130 304
130 306
130 309
10
291
32
4
130 404
130 409
130 406
130 407
130 410
130 402
10
300
32
5
130 504
130 509
130
10/60
320
32
5
130 NI (NI = with nickel plated contacts & glass-fibre reinforced enclosure)


Similar Part No. - 489

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
489 ETC2-489 Datasheet
268Kb / 1P
ROUND INSTRUMENTATION HANDLES
logo
Oscilent Corporation
489 OSCILENT-489 Datasheet
145Kb / 2P
PECL Output
489-28.0M-3DN-TTS OSCILENT-489-28.0M-3DN-TTS Datasheet
145Kb / 2P
6 Pad J-Lead Ceramic PECL Output
489-28.0M-3EN-TTS OSCILENT-489-28.0M-3EN-TTS Datasheet
145Kb / 2P
6 Pad J-Lead Ceramic PECL Output
489-28.0M-3FN-TTS OSCILENT-489-28.0M-3FN-TTS Datasheet
145Kb / 2P
6 Pad J-Lead Ceramic PECL Output
More results

Similar Description - 489

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
ICS628T ADAM-TECH-ICS628T Datasheet
117Kb / 1P
IC SOCKETS SINGLE & DUAL ROW SOCKETS
PLCC-20-AT ADAM-TECH-PLCC-20-AT Datasheet
128Kb / 2P
PLCC SOCKETS
logo
List of Unclassifed Man...
9148 ETC1-9148 Datasheet
44Kb / 1P
Extension Sockets
logo
Grayhill, Inc
22-16-2 GRAYHILL-22-16-2 Datasheet
36Kb / 1P
Sockets
logo
Hongfa Technology
41F HONGFA-41F Datasheet
125Kb / 3P
RELAY SOCKETS
49F HONGFA-49F_15 Datasheet
48Kb / 1P
RELAY SOCKETS
41FSOCKETS HONGFA-41FSOCKETS Datasheet
125Kb / 3P
 RELAY SOCKETS
10FFSOCKETS HONGFA-10FFSOCKETS Datasheet
150Kb / 4P
RELAY SOCKETS
logo
Littelfuse
OT08PC LITTELFUSE-OT08PC Datasheet
210Kb / 1P
SOCKETS
2016
logo
FIBOX Enclosing innovat...
3541564 FIBOX-3541564 Datasheet
42Kb / 1P
Ventilation device IP 44
17.08.2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com