Electronic Components Datasheet Search
  English  ▼

X  

MP2321GD Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2321GD
Description  19V, 2A, 40μA IQ, High-Efficiency, Constant-On-Time, Step-Down Converter in a QFN (2mmx3mm) Package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2321GD Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2321GD Datasheet HTML 1Page - Monolithic Power Systems MP2321GD Datasheet HTML 2Page - Monolithic Power Systems MP2321GD Datasheet HTML 3Page - Monolithic Power Systems MP2321GD Datasheet HTML 4Page - Monolithic Power Systems MP2321GD Datasheet HTML 5Page - Monolithic Power Systems MP2321GD Datasheet HTML 6Page - Monolithic Power Systems MP2321GD Datasheet HTML 7Page - Monolithic Power Systems MP2321GD Datasheet HTML 8Page - Monolithic Power Systems MP2321GD Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
MP2321 – 19V, 2A, LOW IQ, STEP-DOWN CONVERTER
MP2321 Rev. 1.1
www.MonolithicPower.com
4
5/24/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, TJ = -40°C to +125°C (7), typical value is tested at TJ = +25°C, unless otherwise
noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Supply current (shutdown)
IIN
VEN = 0V
0.1
1
μA
Supply current (quiescent)
IQ
VEN = 5V, VFB = 0.7V,
TJ = 25°C
40
55
μA
VIN under-voltage lockout
threshold rising
INUVVth
3.5
3.7
3.9
V
VIN under-voltage lockout
threshold hysteresis
INUVHYS
200
mV
HS switch on resistance
HSRDS(ON)
110
mΩ
LS switch on resistance
LSRDS(ON)
40
mΩ
Switch leakage
SWLKG
VEN = 0V, VSW = 0V or 12V
0
1
μA
High-side MOSFET current limit
ILIMIT
Duty = 40%, TJ = -40°C to
+125°C
2.7
4
6
A
Duty = 40%, TJ = 25°C
3
4
6
Low-Side MOSFET current limit
ILIMIT
PWM mode, sink current
1.5
A
One-shot on timer (8)
TON
RREQ = 180k from
FREQ/MODE to GND
230
ns
Minimum on time (8)
TON_min
90
ns
Minimum off time
TOFF_min
150
ns
Feedback voltage
VFB
TJ = -40°C to +125°C
591
600
609
mV
TJ = 25°C
594
600
606
Feedback current
IFB
VFB = 700mV
10
50
nA
Soft-start current
ISS
4
8
11
μA
EN input high voltage
1.6
V
EN input low voltage
0.4
V
EN input current
IEN
VEN = 2V
2
μA
VEN = 0V
0
Power good UV rising threshold
PGUVVth_Hi
0.9
VFB
Power good UV falling threshold
PGUVVth_Lo
0.85
VFB
Power good OV rising threshold
PGOVVth_Hi
1.2
1.3
1.4
VFB
Power good OV falling threshold
PGOVVth_Lo
1
1.1
1.2
VFB
Power good delay
PGTd
140
μs
Power good sink current
capability
VPG
Sink 1mA
0.4
V
Power good leakage current
IPG_LEAK
VPG = 3.3V
50
nA
Thermal shutdown (8)
TSD
150
°C
Thermal shutdown hysteresis (8)
TSD_HYS
20
°C
NOTES:
7) Not tested in production. Guaranteed by over-temperature correlation.
8) Not tested in production. Guaranteed by design and engineering sample characterization test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com