Electronic Components Datasheet Search
  English  ▼

X  

MP2321GD-Z Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP2321GD-Z
Description  19V, 2A, 40μA IQ, High-Efficiency, Constant-On-Time, Step-Down Converter in a QFN (2mmx3mm) Package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2321GD-Z Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP2321GD-Z Datasheet HTML 9Page - Monolithic Power Systems MP2321GD-Z Datasheet HTML 10Page - Monolithic Power Systems MP2321GD-Z Datasheet HTML 11Page - Monolithic Power Systems MP2321GD-Z Datasheet HTML 12Page - Monolithic Power Systems MP2321GD-Z Datasheet HTML 13Page - Monolithic Power Systems MP2321GD-Z Datasheet HTML 14Page - Monolithic Power Systems MP2321GD-Z Datasheet HTML 15Page - Monolithic Power Systems MP2321GD-Z Datasheet HTML 16Page - Monolithic Power Systems MP2321GD-Z Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
MP2321 – 19V, 2A, LOW IQ, STEP-DOWN CONVERTER
MP2321 Rev. 1.1
www.MonolithicPower.com
13
5/24/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
The maximum frequency can be calculated by
Equation (4) and Equation (5). Choose the
lower value of the two as the maximum
frequency:
6
SW-max
IN
on-min
OUT
10
F(KHz)
V(V)
T(ns)
V(V)
(4)
6
IN
OUT
SW-max
off-min
IN
(V (V)-V (V)) 10
F(KHz)
T(ns) V (V)
(5)
Where the Ton-min typical value is 90ns, and
the Toff-min typical value is 150ns. For example,
if VIN = 12V, and VOUT = 1.2V, then the
maximum frequency is about 1.1MHz. The
MP2321 is optimized to operate at a high
switching frequency with high efficiency. High
switching frequency allows small LC filter
components to be used to save system PCB
space.
Forced PWM Operation
When the MP2321 works in forced PWM mode,
the MP2321 enters CCM, where the HS-FET
and LS-FET repeat the on/off operation, even if
the inductor current goes to zero or a negative
value. The switching frequency (FSW) is fairly
constant. Figure 4 shows the timing diagram
during this operation.
Whenever V
RAMP drops
below V
EAO, the HS-FET
is turned ON
V
IN
T
ON is constant
V
RAMP
V
EAO
I
OUT
V
SW
HS-FET
Driver
LS-FET
Driver
I
L
Figure 4: Forced PWM Operation
Light-Load Operation
When the MP2321 works in auto PFM/PWM
mode and during light-load operation, the
MP2321 automatically reduces the switching
frequency to maintain high efficiency, and the
inductor current drops almost to zero. When the
inductor current reaches zero, the LS-FET
driver goes into tri-state (high-Z). Therefore, the
output capacitors discharge slowly to GND
through LS-FET, R1, and R2. This operation
greatly improves device efficiency when the
output current is low (see Figure 5).
Figure 5: Light-Load Operation
Light-load operation is also called skip mode
because the HS-FET does not turn on as
frequently as it does in heavy-load condition.
The frequency at which the HS-FET turns on is
a function of the output current. As the output
current increases, the time period that the
current modulator regulates becomes shorter,
and the HS-FET turns on more frequently. The
switching frequency increases in turn. The output
current reaches critical levels when the current
modulator time is zero, and can be determined
with Equation (6):
IN
OUT
OUT
OUT
SW
IN
(V
V
) V
I
2L F
V

 
(6)
The device resumes PWM mode once the
output current exceeds the critical level.
Afterward, the switching frequency remains
fairly constant over the output current range.
High Duty Cycle Condition
The MP2316 extends the on time when the
output voltage loses regulation when the input
voltage is close to the output voltage. The
switching frequency drops correspondingly to
achieve a larger duty cycle to keep the output
regulated.
Floating Driver and Bootstrap Charging
An external bootstrap capacitor powers the
floating power MOSFET driver. This floating
driver has its own UVLO protection. This
UVLO’s rising threshold is 2.2V with a
hysteresis of 150mV. The bootstrap capacitor
voltage is regulated internally by VIN through
D1, M1, Cb, L1, and C2A (see Figure 6). If VIN
- VSW exceeds 5V, U1 regulates M1 to maintain
a 5V BST voltage across Cb.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com