Electronic Components Datasheet Search
  English  ▼

X  

CCLD-033 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CCLD-033
Description  5x7mm SMD LVDS Clock Oscillator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CCLD-033 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CCLD-033 Datasheet HTML 1Page - List of Unclassifed Manufacturers CCLD-033 Datasheet HTML 2Page - List of Unclassifed Manufacturers CCLD-033 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LVDS Clock Oscillator
CCLD-033 5x7mm SMD
Rev.: D
Date: 10-10-07
Model CCLD-033 is a 77.760Mhz to 161.000MHz LVDS
Clock Oscillator operating at 3.3Volts. The oscillator utlizes
a High Q Third Overtone crystal design providing very low
Jitter and Phase Noise. No Sub-Harmonics are present in
the Output Signal.
Applications:
Digital Video
SONET/SDH/DWDM
Storage Area Networks
Broadband Access
Ethernet, Gigabit Ethernet
5x7mm SMD
3.3 Volts


Similar Part No. - CCLD-033

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
CCLD-033 CRYSTEKCRYSTAL-CCLD-033 Datasheet
597Kb / 3P
5x7mm SMD LVDS Clock Oscillator 3.3 Volts
logo
CRYSTEK CORPORATION
CCLD-033 CRYSTEKMICROWAVE-CCLD-033 Datasheet
319Kb / 3P
5횞7mm SMD LVDS Clock Oscillator
logo
Crystek Corporation
CCLD-033 CRYSTEKCRYSTAL-CCLD-033_15 Datasheet
129Kb / 3P
LVDS Clock Oscillator
More results

Similar Description - CCLD-033

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
C32XX CRYSTEKCRYSTAL-C32XX Datasheet
563Kb / 3P
5x7mm SMD HCMOS Clock Oscillator 5.0 Volts
C33XX CRYSTEKCRYSTAL-C33XX Datasheet
562Kb / 3P
5x7mm SMD HCMOS Clock Oscillator 3.3 Volts
CCLD-023 CRYSTEKCRYSTAL-CCLD-023 Datasheet
598Kb / 3P
5x7mm SMD LVDS Clock Oscillator 2.5 Volts
CCLD-024 CRYSTEKCRYSTAL-CCLD-024 Datasheet
596Kb / 3P
5x7mm SMD LVDS Clock Oscillator 2.5 Volts
CCLD-033 CRYSTEKCRYSTAL-CCLD-033 Datasheet
597Kb / 3P
5x7mm SMD LVDS Clock Oscillator 3.3 Volts
CCLD-034 CRYSTEKCRYSTAL-CCLD-034 Datasheet
596Kb / 3P
5x7mm SMD LVDS Clock Oscillator 3.3 Volts
CCPD-023 CRYSTEKCRYSTAL-CCPD-023 Datasheet
593Kb / 3P
5x7mm SMD LVPECL Clock Oscillator 2.5 Volts
CCPD-024 CRYSTEKCRYSTAL-CCPD-024 Datasheet
597Kb / 3P
5x7mm SMD LVPECL Clock Oscillator 2.5 Volts
CCPD-033 CRYSTEKCRYSTAL-CCPD-033 Datasheet
596Kb / 3P
LVPECL Clock Oscillator 5x7mm SMD 3.3 Volts
CCPD-034 CRYSTEKCRYSTAL-CCPD-034 Datasheet
594Kb / 3P
LVPECL Clock Oscillator 5x7mm SMD 3.3 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com