Electronic Components Datasheet Search
  English  ▼

X  

KMB310S-G Datasheet(PDF) 2 Page - Comchip Technology

Part # KMB310S-G
Description  SMD Schottky Bridge Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

KMB310S-G Datasheet(HTML) 2 Page - Comchip Technology

  KMB310S-G Datasheet HTML 1Page - Comchip Technology KMB310S-G Datasheet HTML 2Page - Comchip Technology KMB310S-G Datasheet HTML 3Page - Comchip Technology KMB310S-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rating and Characteristics Curves (KMB32S-G Thru. KMB310S-G)
Page 2
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
SMD Schottky Bridge Rectifiers
REV:A
QW-BBR92
0
15
30
45
60
75
90
Single phase
half wave 60Hz
resistive or inductive load
0
Fig.1 - Forward Current Derating Curve
0.5
1.0
1.5
2.0
2.5
3.0
0
25
50
75
100
125
150
175
1
10
100
Fig.2 - Maximum Non-Repetitive Peak
Forward Surge Current
Number of Cycles at 60Hz
Case Temperature, Tc (°C)
8.3ms single half sine-wave
(JEDEC method)
3.5
0.01
10
20
0.2
0.4
0.6
0.8
1.0
1.1
Fig.3 - Typical Instantaneous Forward
Characteristics
Fig.4 - Typical Reverse Characteristics
Instantaneous Forward Voltage, (V)
Percent of Peak Reverse Voltage, (%)
0.01
0.1
1
10
100
1000
0
20
40
60
100
80
TJ=100°C
TJ=25°C
TJ=25°C
Pulse width=300µs
1% duty cycle
KMB32S-G~
KMB345S-G
1
0.1
KMB35S-G~
KMB36S-G
KMB38S-G~
KMB310S-G



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com