Electronic Components Datasheet Search
  English  ▼

X  

MBR540D-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # MBR540D-HF
Description  SMD Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

MBR540D-HF Datasheet(HTML) 2 Page - Comchip Technology

  MBR540D-HF Datasheet HTML 1Page - Comchip Technology MBR540D-HF Datasheet HTML 2Page - Comchip Technology MBR540D-HF Datasheet HTML 3Page - Comchip Technology MBR540D-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rating and Characteristics Curves (MBR540D-HF Thru. MBR5200D-HF)
Comchip Technology CO., LTD.
Page 2
Fig.1 - Typical Forward Current
Derating Curve
Case Temperature, (°C)
0
1
2
3
4
6
0
20
180
140
Fig.2 - Maximum Non-Repetitive
Forward Surge Current
Forward Voltage, (V)
1
0.01
0.1
0.1
0.5
1.1
1.3
Fig.4 - Typical Reverse Characteristics
1.5
1
0.1
100
SMD Schottky Barrier Rectifiers
40
60
80 100 120
160
Number of Cycles at 60Hz
1
10
100
0
30
60
90
150
120
Fig.3 - Typical Forward Characteristics
Percent of Rated Peak Reverse Voltage, (%)
0.001
0
20
40
60
80
100
5
8.3ms single half sine-wave
JEDEC method
10
0.3
0.7
0.9
REV:A
QW-JB118
TJ=25°C
0.01
10
100
TJ=25°C
TJ=100°C
40V
60V~200V
TJ=25°C
Pulse width 300µs
1% duty cycle
40V
60V
100V
150~200V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com