Electronic Components Datasheet Search
  English  ▼

X  

PDSP16256 Datasheet(PDF) 6 Page - Mitel Networks Corporation

Part # PDSP16256
Description  Programmable FIR Filter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

PDSP16256 Datasheet(HTML) 6 Page - Mitel Networks Corporation

Back Button PDSP16256 Datasheet HTML 2Page - Mitel Networks Corporation PDSP16256 Datasheet HTML 3Page - Mitel Networks Corporation PDSP16256 Datasheet HTML 4Page - Mitel Networks Corporation PDSP16256 Datasheet HTML 5Page - Mitel Networks Corporation PDSP16256 Datasheet HTML 6Page - Mitel Networks Corporation PDSP16256 Datasheet HTML 7Page - Mitel Networks Corporation PDSP16256 Datasheet HTML 8Page - Mitel Networks Corporation PDSP16256 Datasheet HTML 9Page - Mitel Networks Corporation PDSP16256 Datasheet HTML 10Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
PDSP16256
6
Fig. 5 Filter network diagram
SINGLE FILTER OPTIONS
When operating as a single filter the device accepts data on
the 16-bit DA bus at the selected sample rate, see Figs. 5 and
6. Results are presented on the 32-bit F bus, which may be
tristated using the OEN input. Signal OEN is registered onto
the device and does not therefore take effect until the first SCLK
rising edge. Devices may be cascaded this allows filters with
more taps than available from a single device. To accomplish
this two further buses are utilised. The DB bus presents the
input data to the next device in cascade after the appropriate
delay, while, partial results are accepted on the
X bus.
Single filter mode is selected by setting control register bit
15 to a one. The required filter length is then selected using
control register bits 14 and 13 as summarised in Table 3. The
options define the number of times each multiplier accumulator
is used per sample clock period. This can be once, twice, four
times, or eight times.
In addition a normal/decimate bit (CR12) allows the filter
length to be doubled at any sample rate. This is possible when
the filter coefficients are selected to produce a low pass filter,
since the filtered output would then not contain the higher
frequency components present in the input. The Nyquist crite-
rion, specifying that the sampling rate must be at least double
the highest frequency component, can still then be satisfied
even though the sampling rate has been halved.
The system clock latency for a single device is shown in
Table 3. This is defined as the delay from a particular data
sample being available on the input pins to the first result
including that input appearing on the output pins. It does not
include the delay needed to gather N samples, for an N tap filter,
before a mathematically correct result is obtained.
CR
Input
Output
Filter
Setup
14 13 12
Rate
Rate
Length
Latency
0
0
0
SCLK
SCLK
16 Taps
16
0
0
1
SCLK
SCLK/2
32 Taps
17
0
1
0
SCLK/2
SCLK/2
32 Taps
16
0
1
1
SCLK/2
SCLK/4
64 Taps
18
1
0
0
SCLK/4
SCLK/4
64 Taps
20
1
0
1
SCLK/4
SCLK/8
128 Taps
24
1
1
0
SCLK/8
SCLK/8
128 Taps
24
Table 3 Single Filter options
Fig. 6 Single Filter bus utilisation
DA15:0
F31:0
OEN
NETWORK
A
NETWORK
B
DUAL
MODE
SINGLE
MODE
MUX
DB15:0
X31:0
DATA
DELAY LINE
DATA
OUT
COEFF
RAM
ADDER
Z21
DATA
DELAY LINE
COEFF
RAM
ADDER
Z21
DATA
DELAY LINE
COEFF
RAM
ADDER
Z21
DATA
DELAY LINE
COEFF
RAM
ADDER
Z21
ACCUMULATE
EXPANSION
IN
DATA
IN
RESULT
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com