Electronic Components Datasheet Search
  English  ▼

X  

PDSP16330 Datasheet(PDF) 4 Page - Mitel Networks Corporation

Part # PDSP16330
Description  Complex Accumulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

PDSP16330 Datasheet(HTML) 4 Page - Mitel Networks Corporation

  PDSP16330 Datasheet HTML 1Page - Mitel Networks Corporation PDSP16330 Datasheet HTML 2Page - Mitel Networks Corporation PDSP16330 Datasheet HTML 3Page - Mitel Networks Corporation PDSP16330 Datasheet HTML 4Page - Mitel Networks Corporation PDSP16330 Datasheet HTML 5Page - Mitel Networks Corporation PDSP16330 Datasheet HTML 6Page - Mitel Networks Corporation PDSP16330 Datasheet HTML 7Page - Mitel Networks Corporation PDSP16330 Datasheet HTML 8Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
PDSP16318/16318A
4
NOTE
This table shows the portion of the adder result passed to the D15:0 and C15:0 outputs. Where fewer than 16 adder bits are selected
the output data is padded with zeros.
ABSOLUTE MAXIMUM RATINGS (Note 1)
Supply voltage VCC
-0.5V to 7.0V
Input voltage VIN
-0.9V to VCC +0.9V
Output voltage VOUT
-0.9V to VCC +0.9V
Clamp diode current per pin Ik (see Note 2)
18mA
Static discharge voltage (HMB) VSTAT
500V
Storage temperature range TS
-65°C to +150°C
Ambient temperature with
power applied Tamb
Industrial
-40°C to +85°C
Military
-55°C to +125°C
Junction temperature
150°C
Package power dissipation PTOT
1000mW
NOTES
1.
Exceeding these ratings may cause permanent damage.
Functional operation under these conditions is not implied.
2.
Maximum dissipation or 1 second should not be exceeded, only
one output to be tested at any one time.
3.
Exposure to absolute maximum ratings for extended periods may
affect device reliability.
THERMAL CHARACTERISTICS
Package Type
LC
AC
θJC °C/W
12
12
θJA °C/W
35
36



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com