Electronic Components Datasheet Search
  English  ▼

X  

R3DB-AFGC Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # R3DB-AFGC
Description  performance oval LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

R3DB-AFGC Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  R3DB-AFGC Datasheet HTML 1Page - Everlight Electronics Co., Ltd R3DB-AFGC Datasheet HTML 2Page - Everlight Electronics Co., Ltd R3DB-AFGC Datasheet HTML 3Page - Everlight Electronics Co., Ltd R3DB-AFGC Datasheet HTML 4Page - Everlight Electronics Co., Ltd R3DB-AFGC Datasheet HTML 5Page - Everlight Electronics Co., Ltd R3DB-AFGC Datasheet HTML 6Page - Everlight Electronics Co., Ltd R3DB-AFGC Datasheet HTML 7Page - Everlight Electronics Co., Ltd R3DB-AFGC Datasheet HTML 8Page - Everlight Electronics Co., Ltd R3DB-AFGC Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Technical Data Sheet
3474AN/R3DB-AFGC/XR/MS
Everlight Electronics Co., Ltd.
http\\:www.everlight.com
Rev 1
Page: 3 of 10
Device Number : DT1-347-020
Prepared date: 03-10-20088
Prepared by: Grace Shen
Absolute Maximum Rating (Ta=25℃)
Parameter
Symbol
Absolute Maximum Rating
Unit
Forward Current
IF
50
mA
Pulse Forward Current (Duty1/10@ 1KHz)
IFP
160
mA
Operating Temperature
Topr
-40 ~ +85
℃
Storage Temperature
Tstg
-40 ~ +100
℃
Soldering Temperature
Tsol
260
℃
Power Dissipation
Pd
120
mW
Reverse Voltage
VR
5
V
Electrostatic Discharge
ESD
2K
V
Notes: Soldering time≦5 seconds.
Electro-Optical Characteristics (Ta=25℃)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Luminous Intensity
IV
510
--
1020
mcd
Viewing Angle
2θ1/2
--
X:110Y:50
--
deg
Peak Wavelength
λp
--
632
--
Dominant Wavelength
λd
620
--
632
Spectrum Half width
Δλ
--
20
--
nm
Forward Voltage
VF
2.0
--
2.6
V
IF=20mA
Reverse Current
IR
--
--
10
μA
VR=5V
Rank Combination (IF=20mA)
Rank
F1
F2
G1
G2
Luminous Intensity
510~610
610~720
720~860
860~1020
*Measurement Uncertainty of Luminous Intensity: ±10%
Unit:mcd
Rank
1
2
Dominant Wavelength
620~626
626~632
*Measurement Uncertainty of
Dominant Wavelength ±1.0nm
Unit:nm



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com