Electronic Components Datasheet Search
  English  ▼

X  

MKT368 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MKT368
Description  Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKT368 Datasheet(HTML) 4 Page - Vishay Siliconix

  MKT368 Datasheet HTML 1Page - Vishay Siliconix MKT368 Datasheet HTML 2Page - Vishay Siliconix MKT368 Datasheet HTML 3Page - Vishay Siliconix MKT368 Datasheet HTML 4Page - Vishay Siliconix MKT368 Datasheet HTML 5Page - Vishay Siliconix MKT368 Datasheet HTML 6Page - Vishay Siliconix MKT368 Datasheet HTML 7Page - Vishay Siliconix MKT368 Datasheet HTML 8Page - Vishay Siliconix MKT368 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MKT368
www.vishay.com
Vishay BCcomponents
Revision: 28-Feb-2025
4
Document Number: 28132
For technical questions, contact: dc-film@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
URdc
= 250 V; URac = 160 V
Pitch = 22.5 ± 0.4 mm; dt = 0.80 ± 0.08 mm
lock lead
1.2
6.0 x 18.0 (21.0) x 26.0
2.5
25125
1000
1000
90223
1000
1.5
25155
90224
1.8
7.0 x 19.0 (22.0) x 26.0
3.2
25185
1000
1000
90225
900
2.2
7.5 x 19.5 (23.0) x 26.0
3.5
25225
1000
500
90226
750
2.7
8.5 x 21.5 (24.0) x 26.0
4.1
25275
1000
500
90227
600
3.3
9.0 x 22.0 (24.5) x 26.0
4.5
25335
1000
500
90228
600
Pitch = 27.5 ± 0.4 mm; dt = 0.80 ± 0.08 mm
lock lead
3.9
9.0 x 22.0 (24.0) x 30.0
4.8
25395
500
500
90229
500
4.7
10.0 x 23.0 (25.0) x 30.0
5.5
25475
500
500
90178
400
5.6
11.0 x 24.0 (26.0) x 30.0
6.2
25565
500
250
90231
350
6.8
12.0 x 25.0 (27.0) x 30.0
6.8
25685
500
250
90232
350
C
(μF)
DIMENSIONS
wmax x hmax x lmax
(mm)
MASS
(g)
CATALOG NUMBER 2222 368 ..... AND PACKAGING
LOOSE IN BOX
REEL
LOOSE IN BOX
lt =
4.0 + 1.0/- 0.5 mm
short leads
long leads
SPQ
lt =
4.0 + 1.0/-0.5 mm
SPQ
C-tol = ± 10 %
SPQ
SPQ
C-tol = ± 10 %
last 5 digits of
catalog number
last 5 digits of
catalog number
Pitch = 10.0 ± 0.4 mm; dt = 0.60 ± 0.06 mm
lock lead
0.027
4.2 x 13.0 (15.0) x 12.5
0.4
45273
2000
1000
1500
90233
1250
0.033
4.6 x 13.0 (15.0) x 12.5
0.5
45333
2000
1000
1300
90234
1250
0.039
4.0 x 13.0 (15.0) x 12.5
0.4
45393
2000
1000
1500
90235
1250
0.047
4.5 x 13.5 (15.5) x 12.5
0.5
45473
2000
1000
1500
90176
1250
0.056
4.6 x 13.5 (15.5) x 12.5
0.5
45563
2000
1000
1300
90236
1100
0.068
45683
90237
0.082
4.4 x 13.4 (16.0) x 12.5
0.5
45823
2000
1000
1200
90238
1000
0.10
4.7 x 13.7 (16.0) x 12.5
0.5
45104
2000
1000
1200
90177
1000
Pitch = 15.0 ± 0.4 mm; dt = 0.80 ± 0.08 mm
lock lead
0.12
5.0 x 14.0 (17.0) x 17.5
0.6
45124
2000
1000
1200
90239
1750
0.15
45154
90241
0.18
5.5 x 14.5 (17.5) x 17.5
0.7
45184
2000
1000
1100
90242
1500
0.22
6.0 x 15.0 (18.0) x 17.5
0.9
45224
2000
1000
1000
90243
1500
0.27
6.0 x 15.5 (18.5) x 17.5
1.0
45274
2000
1000
900
90244
1250
0.33
6.8 x 16.0 (19.0) x 17.5
1.2
45334
1000
1000
800
90245
1250
Pitch = 22.5 ± 0.4 mm; dt = 0.80 ± 0.08 mm
lock lead
0.39
5.0 x 17.0 (20.0) x 26.0
1.8
45394
1000
1000
90246
1250
0.47
5.5 x 17.5 (20.5) x 26.0
2.2
45474
1000
1000
90247
1250
0.56
6.0 x 18.0 (21.0) x 26.0
2.5
45564
1000
1000
90248
1000
0.68
6.6 x 18.5 (21.5) x 26.0
2.8
45684
1000
1000
90249
1000
0.82
7.2 x 19.0 (22.0) x 26.0
3.2
45824
1000
1000
90251
900
1.0
8.0 x 20.0 (23.0) x 26.0
3.8
45105
1000
500
90252
750
C
(μF)
DIMENSIONS
wmax x hmax x lmax
(mm)
MASS
(g)
CATALOG NUMBER 2222 368 ..... AND PACKAGING
LOOSE IN BOX
REEL
LOOSE IN BOX
lt =
4.0 + 1.0/- 0.5 mm
short leads
long leads
SPQ
lt =
4.0 + 1.0/-0.5 mm
SPQ
C-tol = ± 10 %
SPQ
SPQ
C-tol = ± 10 %
last 5 digits of
catalog number
last 5 digits of
catalog number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com