Electronic Components Datasheet Search
  English  ▼

X  

10133475-10001LF Datasheet(PDF) 1 Page - Amphenol Communications Solutions

Part # 10133475-10001LF
Description  USB Type C Connector and Cable Assembly
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions

10133475-10001LF Datasheet(HTML) 1 Page - Amphenol Communications Solutions

  10133475-10001LF Datasheet HTML 1Page - Amphenol Communications Solutions 10133475-10001LF Datasheet HTML 2Page - Amphenol Communications Solutions 10133475-10001LF Datasheet HTML 3Page - Amphenol Communications Solutions 10133475-10001LF Datasheet HTML 4Page - Amphenol Communications Solutions 10133475-10001LF Datasheet HTML 5Page - Amphenol Communications Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.amphenol-cs.com
Amphenol FCI USB Type-C connector is a compact,
reversible interface that enables high-speed data
transfer and power delivery. Ensures quick and seamless
file transfers and multimedia streaming. It can be plugged
in either way, eliminating the hassle of trying to align the
connector correctly. It supports scalable power delivery
up to 240W and speed up to 40Gb/s.
TARGET MARKETS
USB Type C Connector and Cable Assembly
FEATURES
BENEFITS
§
Small form factor
§
Save the space of chassis, perfectly fit to portable devices
§
Reversible plug orientation
§
Ensures quick and easy connection whichever way it is
inserted
§
Support super speed 40Gb/s
§
Minimize the user waiting time
§
Scalable with various I/O connectors
§
One interface but compatible with HDMI/DP/RJ45/VGA
through conversion hub
§
Up to 10,000 mating cycle
§
Perfectly fit for long term use of frequently plugged
consumer products
§
Better EMI (Electromagnetic Interference) shielding design
§
Protects against EMI and ESD (Electromagnetic Discharge)
§
RoHS compliant and lead-free
§
Meets environmental, health, and safety requirements
COMPACT, BLIND MATING, SUPER
SPEED UP TO 40GB/S
§ Small form factor
§ Reversible plug orientation
§ Supports super speed up to 40Gb/s
§ Scalable with various I/O connectors
§ Up to 10,000 mating cycle


Similar Part No. - 10133475-10001LF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
10133 ETC-10133 Datasheet
116Kb / 1P
Heyco짰 Nylon PCB Supports - Imperial Spacing
logo
Heyco.
10133 HEYCO-10133 Datasheet
113Kb / 1P
Nylon PCB Supports - Imperial Spacing
logo
Weidmuller
1013310000 WEIDMULLER-1013310000 Datasheet
74Kb / 4P
BLF 5.08/13/180F SN BK BX
1013310000 WEIDMULLER-1013310000 Datasheet
74Kb / 4P
BLF 5.08/19/180F SN BK BX
1013320000 WEIDMULLER-1013320000 Datasheet
74Kb / 4P
BLF 5.08/13/180F SN BK BX
More results

Similar Description - 10133475-10001LF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC000996 ETC2-MC000996 Datasheet
219Kb / 1P
USB C to USB C Cable
logo
Texas Instruments
TPS25740 TI1-TPS25740 Datasheet
2Mb / 64P
USB Type-C and USB PD Source Controller
TPS25740B TI1-TPS25740B Datasheet
1Mb / 61P
USB Type-C and USB PD Source Controller
logo
DDK Ltd.
DSB-RE24-H1A DDK-DSB-RE24-H1A Datasheet
346Kb / 3P
USB Type-C Connector
logo
Molex Electronics Ltd.
0687980010 MOLEX1-0687980010 Datasheet
39Kb / 1P
Universal Serial Bus (USB) Shielded I/O Cable Assembly, Type C-to-C, USB 2.0, 3.0A
logo
Tripp Lite. All Rights ...
U038-006 TRIPPLITE-U038-006 Datasheet
167Kb / 3P
USB 2.0 Cable, USB Type-A Male to USB Type-C (USB-C) Male, 6-ft.
U040-006-C TRIPPLITE-U040-006-C Datasheet
157Kb / 3P
USB 2.0 Cable, USB Type-C (USB-C) to USB Type-C M/M, 6-ft. Length
logo
ON Semiconductor
FUSB380 ONSEMI-FUSB380 Datasheet
213Kb / 8P
Autonomous USB Type-C Cable Marker
May, 2019 ??Rev. 1
logo
List of Unclassifed Man...
MP002443 ETC-MP002443 Datasheet
541Kb / 7P
USB Type C Sealed Connector, Cable Assembly and Dust Cap
08/12/20 V1.1
logo
Hirose Electric
CX90B1-24P HIROSE-CX90B1-24P Datasheet
1Mb / 25P
USB Type-C Connector
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com