Electronic Components Datasheet Search
  English  ▼

X  

IPC0204 Datasheet(PDF) 1 Page - Proto Advantage SMD Adapter

Part # IPC0204
Description  SOIC-24 to DIP-24 SMT Adapter (1.27 mm pitch, 15.4 x 7.5 mm body)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

IPC0204 Datasheet(HTML) 1 Page - Proto Advantage SMD Adapter

  IPC0204 Datasheet HTML 1Page - Proto Advantage SMD Adapter IPC0204 Datasheet HTML 2Page - Proto Advantage SMD Adapter  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Datasheet revision 1.0
www.Proto-Advantage.com
SOIC-24 to DIP-24 SMT Adapter (1.27 mm pitch, 15.4 x 7.5 mm body)
DIMENSIONS
REF.
mm
inches
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
7.50
B
2.50
C
0.60
D
0.67
E
1.27
F
0.600
G
0.100
H
0.025
Top View (SMT Footprint)
(Representative drawing only - not to scale)
1
© 2007-2017 Proto Advantage™
A
B
C
D
E
IIP
PC
C0
02
20
04
4


Similar Part No. - IPC0204

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
IPC0200 PROTOADVANTAGE-IPC0200 Datasheet
106Kb / 2P
HTSSOP-56 to DIP-60 SMT Adapter (0.5 mm pitch, 14 x 6.1 mm body)
revision 1.0
IPC0201 PROTOADVANTAGE-IPC0201 Datasheet
107Kb / 2P
HTQFP-64 to DIP-68 SMT Adapter (0.5 mm pitch, 10 x 10 mm body)
revision 1.0
IPC0202 PROTOADVANTAGE-IPC0202 Datasheet
107Kb / 2P
Module-40 to DIP-40 SMT Adapter (1.3 mm pitch, 28.5 x 13 mm body)
revision 1.0
IPC0203 PROTOADVANTAGE-IPC0203 Datasheet
104Kb / 2P
SuperSOT-3 to DIP-4 SMT Adapter (1.3 mm pitch, 4 x 3 mm body)
revision 1.0
IPC0205 PROTOADVANTAGE-IPC0205 Datasheet
106Kb / 2P
LGA-12 to DIP-12 SMT Adapter (0.8 mm pitch, 4.4 x 2.4 mm body)
revision 1.0
More results

Similar Description - IPC0204

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
08-354000-11-RC ARIES-08-354000-11-RC Datasheet
451Kb / 1P
SOIC and SOJ-to-DIP Adapter
08-350000-10-P ARIES-08-350000-10-P Datasheet
451Kb / 1P
SOIC and SOJ-to-DIP Adapter
28-450001-10 ARIES-28-450001-10 Datasheet
429Kb / 1P
SOIC and SOJ-to-DIP Adapter
08-350000-10-HT ARIES-08-350000-10-HT Datasheet
557Kb / 1P
High-Temperature SOIC-to-DIP Adapter
22-304504-18-P ARIES-22-304504-18-P Datasheet
647Kb / 1P
24-Pin SOIC-to-22-Pin 0.400" DIP
8-354000-10 ARIES-8-354000-10 Datasheet
503Kb / 1P
DIP-to-SOIC Adapter
logo
ACCUTEK MICROCIRCUIT CO...
AK08SOIC-D300 ACCUTEK-AK08SOIC-D300_12 Datasheet
808Kb / 8P
DIP to SOIC Adapter Modules
logo
Aries Electronics, Inc.
10016 ARIES-10016 Datasheet
880Kb / 1P
SOIC-to-DIP 0.600 [15.24] Adapter
18009 ARIES-18009 Datasheet
564Kb / 1P
Series 354000 DIP-to-SOIC Adapter
18080 ARIES-18080 Datasheet
744Kb / 1P
24-Pin SOIC-to-22-Pin 0.400" DIP
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com