Electronic Components Datasheet Search
  English  ▼

X  

PA0010 Datasheet(PDF) 1 Page - Proto Advantage SMD Adapter

Part # PA0010
Description  SOP-24 to DIP-24 SMT Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

PA0010 Datasheet(HTML) 1 Page - Proto Advantage SMD Adapter

  PA0010 Datasheet HTML 1Page - Proto Advantage SMD Adapter PA0010 Datasheet HTML 2Page - Proto Advantage SMD Adapter  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Datasheet revision 1.0
www.Proto-Advantage.com
SOP-24 to DIP-24 SMT Adapter
DIMENSIONS
mm
inches
REF.
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
5.50
B
3.50
C
0.60
D
0.67
E
1.27
F
0.300
G
0.100
H
0.025
Top View (SMT Footprint)
(Representative drawing only - not to scale)
1
© 2009 Proto Advantage, a Concept to Life Solutions Inc. Company
A
B
C
D
E
P
P
PA
A
A0
0
00
0
01
1
10
0
0


Similar Part No. - PA0010

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
PA0010-S PROTOADVANTAGE-PA0010-S Datasheet
41Kb / 1P
SOP-24 Stencil
revision 1.0
logo
Norgren Ltd
PA0010015 NORGREN-PA0010015 Datasheet
385Kb / 20P
Tubing & Hose Metric
11/97
PA0010015 NORGREN-PA0010015 Datasheet
80Kb / 5P
Tubing & Hose Metric
01/98
PA0010025 NORGREN-PA0010025 Datasheet
385Kb / 20P
Tubing & Hose Metric
11/97
PA0010025 NORGREN-PA0010025 Datasheet
80Kb / 5P
Tubing & Hose Metric
01/98
More results

Similar Description - PA0010

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK16D-LLP4X4 ACCUTEK-AK16D-LLP4X4 Datasheet
227Kb / 6P
16 Pin to 24 Pin DIP Adapters
AK20D300-NWSO ACCUTEK-AK20D300-NWSO_13 Datasheet
1Mb / 6P
20 Pin to 24 DIP Adpaters
logo
XP Power Limited
JTB03 XPPOWER-JTB03 Datasheet
108Kb / 2P
DIP24 Metal Package
JTE XPPOWER-JTE Datasheet
246Kb / 2P
DIP-24 Plastic Case
JCE XPPOWER-JCE Datasheet
139Kb / 2P
DIP24 Plastic Case
logo
Total Power Internation...
MIAR03 TOTAL-POWER-MIAR03 Datasheet
756Kb / 4P
DIP-24 Plastic Package
MIW06 TOTAL-POWER-MIW06 Datasheet
470Kb / 4P
DIP-24 Plastic Package
MIW3100 TOTAL-POWER-MIW3100 Datasheet
402Kb / 4P
DIP-24 Plastic Package
MIWI06 TOTAL-POWER-MIWI06 Datasheet
472Kb / 4P
DIP-24 Plastic Package
MIW4100 TOTAL-POWER-MIW4100_17 Datasheet
403Kb / 4P
DIP-24 Metal Package
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com