Electronic Components Datasheet Search
  English  ▼

X  

B9037 Datasheet(PDF) 2 Page - EPCOS

Part # B9037
Description  SAW GPS filter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9037 Datasheet(HTML) 2 Page - EPCOS

  B9037 Datasheet HTML 1Page - EPCOS B9037 Datasheet HTML 2Page - EPCOS B9037 Datasheet HTML 3Page - EPCOS B9037 Datasheet HTML 4Page - EPCOS B9037 Datasheet HTML 5Page - EPCOS B9037 Datasheet HTML 6Page - EPCOS B9037 Datasheet HTML 7Page - EPCOS B9037 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
April 26, 2007
B9037
1575.42 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW GPS filter
Data Sheet
Application
s
Low-loss RF filter GPS filter
s
Usable passband: 2 MHz
s
Very low insertion attenuation
s
Unbalanced to unbalanced operation
s
No matching network required for operation at 50
Ω
Features
s
Package size 2.0 x 1.6 x 0.68 mm3
s
Package code DCS4G
s
RoHS compatible
s
Approximate weight 0.007 g
s
Package for Surface Mount Technology
(SMT)
s
Ni, gold-plated terminals
s
Electrostatic Sensitive Device (ESD)
Pin configuration
s
1
Input
s
3
Output
s
2,4
Case ground
2
3
1
4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com