Electronic Components Datasheet Search
  English  ▼

X  

MMBTA05-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # MMBTA05-HF
Description  General Purpose Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

MMBTA05-HF Datasheet(HTML) 2 Page - Comchip Technology

  MMBTA05-HF Datasheet HTML 1Page - Comchip Technology MMBTA05-HF Datasheet HTML 2Page - Comchip Technology MMBTA05-HF Datasheet HTML 3Page - Comchip Technology MMBTA05-HF Datasheet HTML 4Page - Comchip Technology MMBTA05-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rating and Characteristic Curves (MMBTA05-HF)
General Purpose Transistor
Electrical Characteristics (at TA=25°C unless otherwise noted)
Parameter
Symbol
Unit
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector-base cut-off current
Collector-emitter cut-off current
Collector-emitter saturation voltage
Base-emitter saturation voltage
Transition frequency
Conditions
VCBO
VCEO
VEBO
ICBO
ICEO
hFE(1)
VCE(sat)
VBE(sat)
fT
IC = 100μA, IE = 0
IC = 1mA, IB = 0
IE = 100µA, IC = 0
VCB = 60V, IE = 0
VCE = 60V, IB = 0
VCE = 1V, IC = 10mA
IC = 100mA, IB = 10mA
IC = 100mA, IB = 10mA
VCE = 2V, IC = 10mA, f = 100MHz
60
60
4
100
100
100
100
400
0.25
1.20
Min
Max
V
V
V
nA
V
V
MHz
DC current gain
VEB = 3V, IC = 0
100
hFE(2)
VCE = 1V, IC = 100mA
100
nA
Emitter-base cut-off current
IEBO
nA
QW-JTR99
Page 2
REV:B
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
Fig.1 - Static Characteristic
Collector-Emitter Voltage, VCE (V)
0
1
2
0
50
100
Ta=25°C
IB=0.05mA
0.1mA
0.15mA
0.2mA
0.25mA
0.3mA
0.35mA
0.4mA
0.45mA
0.5mA
Collector Current, Ic (mA)
Fig.2 - DC Current Gain
0.1
1
10
100
500
10
100
1000
VCE=1V
Ta=125°C
Ta=100°C
Ta=25°C
Ta=-25°C
100
Collector Current, Ic (mA)
0.1
0.1
0.01
Fig.3 - Collector-Emitter Saturation Voltage
1
10
500
1
IC:IB=10:1
Ta=125°C
Ta=100°C
Ta=25°C
Ta=-25°C
Fig.4 - Base-Emitter Saturation Voltage
Collector Current, Ic (mA)
500
1
1
0.1
10
100
0.1
Ta=125°C
Ta=100°C
Ta=25°C
Ta=-25°C
IC:IB=10:1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com