Electronic Components Datasheet Search
  English  ▼

X  

CD74HC367MT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC367MT
Description  High-Speed CMOS Logic Hex Buffer/Line Driver, Three-State Non-Inverting and Inverting
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC367MT Datasheet(HTML) 6 Page - Texas Instruments

Back Button CD74HC367MT Datasheet HTML 2Page - Texas Instruments CD74HC367MT Datasheet HTML 3Page - Texas Instruments CD74HC367MT Datasheet HTML 4Page - Texas Instruments CD74HC367MT Datasheet HTML 5Page - Texas Instruments CD74HC367MT Datasheet HTML 6Page - Texas Instruments CD74HC367MT Datasheet HTML 7Page - Texas Instruments CD74HC367MT Datasheet HTML 8Page - Texas Instruments CD74HC367MT Datasheet HTML 9Page - Texas Instruments CD74HC367MT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
Propagation Delay,
Data to Outputs
HC/HCT368
tPLH, tPHL
CL = 50pF
2
-
105
130
160
ns
4.5
-
21
26
32
ns
6
-
18
24
27
ns
CL = 15pF
5
9
-
-
-
ns
Propagation Delay,
Output Enable and Disable
to Outputs
tPLH, tPHL
CL = 50pF
2
-
150
190
225
ns
4.5
-
30
38
45
ns
6
-
26
33
38
ns
CL = 15pF
5
12
-
-
-
ns
Output Transition Time
tTLH, tTHL
CL = 50pF
2
-
60
75
90
ns
4.5
-
12
15
18
ns
6
-
10
13
15
ns
Input Capacitance
CI
--
-
10
10
10
pF
Three-State Output
Capacitance
CO
--
-
20
20
20
pF
Power Dissipation
Capacitance
(Notes 4, 5)
CPD
-
5
40
-
-
-
pF
HCT TYPES
Propagation Delay,
Data to Outputs
HC/HCT367
tPLH, tPHL
CL = 50pF
4.5
-
25
31
38
ns
CL = 15pF
5
9
-
-
-
ns
Propagation Delay,
Data to Outputs
HC/HCT368
tPLH, tPHL
CL = 50pF
4.5
-
30
38
45
ns
CL = 15pF
5
11
-
-
-
ns
Propagation Delay,
Output Enable and Disable
to Outputs
tPLH, tPHL
CL = 50pF
4.5
-
35
44
53
ns
CL = 15pF
5
14
-
-
-
ns
Output Transition Time
tTLH, tTHL
CL = 50pF
4.5
-
12
15
18
ns
Input Capacitance
CIN
--
-
10
10
10
pF
Three-State Capacitance
CO
--
-
20
20
20
pF
Power Dissipation
Capacitance
(Notes 4, 5)
CPD
-
5
42
-
-
-
pF
NOTES:
4. CPD is used to determine the dynamic power consumption, per buffer.
5. PD = VCC
2f
i (CPD + CL) where fi = Input Frequency, CL = Output Load Capacitance, VCC = Supply Voltage.
Switching Specifications Input tr, tf = 6ns (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oC TO 85oC
-55oC TO
125oC
UNITS
TYP
MAX
MAX
MAX
CD54/74HC367, CD54/74HCT367, CD54/74HC368, CD74HCT368



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com