Electronic Components Datasheet Search
  English  ▼

X  

CD74HC40105 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC40105
Description  High-Speed CMOS Logic 4-Bit x 16-Word FIFO Register
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC40105 Datasheet(HTML) 12 Page - Texas Instruments

Back Button CD74HC40105 Datasheet HTML 8Page - Texas Instruments CD74HC40105 Datasheet HTML 9Page - Texas Instruments CD74HC40105 Datasheet HTML 10Page - Texas Instruments CD74HC40105 Datasheet HTML 11Page - Texas Instruments CD74HC40105 Datasheet HTML 12Page - Texas Instruments CD74HC40105 Datasheet HTML 13Page - Texas Instruments CD74HC40105 Datasheet HTML 14Page - Texas Instruments CD74HC40105 Datasheet HTML 15Page - Texas Instruments CD74HC40105 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
12
NOTE: Pulse must be applied for cascading by 16 N bits.
FIGURE 12. EXPANSION, 8-BITS WIDE BY 16 N-BITS LONG USING HC/HCT40105
SI DOR
Q0
Q1
Q2
Q3
SO
MR
DIR
D3
D2
D1
D0
SI DOR
Q0
Q1
Q2
Q3
SO
MR
DIR
D3
D2
D1
D0
SI DOR
Q0
Q1
Q2
Q3
SO
MR
DIR
D3
D2
D1
D0
SI DOR
Q0
Q1
Q2
Q3
SO
MR
DIR
D3
D2
D1
D0
DATA OUT
READY
8-BIT
DATA
SHIFT OUT
SHIFT IN
8-BIT
DATA
DATA IN READY
MASTER RESET
(NOTE)
CD54HC40105, CD74HC40105, CD54HCT40105, CD74HCT40105



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com