Electronic Components Datasheet Search
  English  ▼

X  

SN74ALS374ADBLE Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74ALS374ADBLE
Description  OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ALS374ADBLE Datasheet(HTML) 3 Page - Texas Instruments

  SN74ALS374ADBLE Datasheet HTML 1Page - Texas Instruments SN74ALS374ADBLE Datasheet HTML 2Page - Texas Instruments SN74ALS374ADBLE Datasheet HTML 3Page - Texas Instruments SN74ALS374ADBLE Datasheet HTML 4Page - Texas Instruments SN74ALS374ADBLE Datasheet HTML 5Page - Texas Instruments SN74ALS374ADBLE Datasheet HTML 6Page - Texas Instruments SN74ALS374ADBLE Datasheet HTML 7Page - Texas Instruments SN74ALS374ADBLE Datasheet HTML 8Page - Texas Instruments SN74ALS374ADBLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
SN54ALS374A, SN54AS374, SN74ALS374A, SN74AS374
OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS
WITH 3-STATE OUTPUTS
SDAS167C – APRIL 1982 – REVISED NOVEMBER 1999
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54ALS374A
SN74ALS374A
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = –18 mA
–1.5
–1.5
V
VCC = 4.5 V to 5.5 V,
IOH = –0.4 mA
VCC–2
VCC–2
VOH
VCC =4 5V
IOH = –1 mA
2.4
3.3
V
VCC = 4.5 V
IOH = –2.6 mA
2.4
3.2
VOL
VCC =4 5V
IOL = 12 mA
0.25
0.4
0.25
0.4
V
VOL
VCC = 4.5 V
IOL = 24 mA
0.35
0.5
V
IOZH
VCC = 5.5 V,
VO = 2.7 V
20
20
µA
IOZL
VCC = 5.5 V,
VO = 0.4 V
–20
–20
µA
II
VCC = 5.5 V,
VI = 7 V
0.1
0.1
mA
IIH
VCC = 5.5 V,
VI = 2.7 V
20
20
µA
IIL
VCC = 5.5 V,
VI = 0.4 V
–0.2
–0.2
mA
IO‡
VCC = 5.5 V,
VO = 2.25 V
–20
–112
–30
–112
mA
Outputs high
11
20
11
19
ICC
VCC = 5.5 V
Outputs low
19
28
19
28
mA
Outputs disabled
20
31
20
31
† All typical values are at VCC = 5 V, TA = 25°C.
‡ The output conditions have been chosen to produce a current that closely approximates one half of the true short-circuit output current, IOS.
timing requirements over recommended operating free-air temperature range (unless otherwise
noted)
SN54ALS374A
SN74ALS374A
UNIT
MIN
MAX
MIN
MAX
UNIT
fclock
Clock frequency
30
35
MHz
tw
Pulse duration
CLK high or low
16.5
14
ns
tsu
Setup time
Data before CLK
↑
10
10
ns
th
Hold time
Data after CLK
↑
4
0
ns
switching characteristics over recommended operating conditions (unless otherwise noted
(see Figure 3)
PARAMETER
FROM
TO
SN54ALS374A
SN74ALS374A
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
UNIT
fmax
30
35
MHz
tPLH
CLK
Q
3
14
3
12
ns
tPHL
CLK
Q
5
17
5
16
ns
tPZH
OE
Q
3
18
3
17
ns
tPZL
OE
Q
5
21
5
18
ns
tPHZ
OE
Q
1
11
1
10
ns
tPLZ
OE
Q
2
19
2
18
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com