Electronic Components Datasheet Search
  English  ▼

X  

M29W040 Datasheet(PDF) 11 Page - STMicroelectronics

Part # M29W040
Description  4 Mbit 512Kb x8, Uniform Block Low Voltage Single Supply Flash Memory
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W040 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M29W040 Datasheet HTML 7Page - STMicroelectronics M29W040 Datasheet HTML 8Page - STMicroelectronics M29W040 Datasheet HTML 9Page - STMicroelectronics M29W040 Datasheet HTML 10Page - STMicroelectronics M29W040 Datasheet HTML 11Page - STMicroelectronics M29W040 Datasheet HTML 12Page - STMicroelectronics M29W040 Datasheet HTML 13Page - STMicroelectronics M29W040 Datasheet HTML 14Page - STMicroelectronics M29W040 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
Symbol
Alt
Parameter
Test Condition
M29W040
Unit
-150
-200
VCC = 2.7V to 3.6V VCC = 2.7V to 3.6V
Min
Max
Min
Max
tAVAV
tRC
Address Valid to Next Address
Valid
E= VIL,G = VIL
150
200
ns
tAVQV
tACC
Address Valid to Output Valid
E = VIL,G = VIL
150
200
ns
tELQX
(1)
tLZ
Chip Enable Low to Output
Transition
G= VIL
00
ns
tELQV
(2)
tCE
Chip Enable Low to Output Valid
G = VIL
150
200
ns
tGLQX
(1)
tOLZ
Output Enable Low to Output
Transition
E=VIL
00
ns
tGLQV
(2)
tOE
Output Enable Low to Output
Valid
E=VIL
55
70
ns
tEHQX
tOH
Chip Enable High to Output
Transition
G= VIL
00
ns
tEHQZ
(1)
tHZ
Chip Enable High to Output Hi-Z
G = VIL
40
50
ns
tGHQX
tOH
Output Enable High to Output
Transition
E=VIL
00
ns
tGHQZ
(1)
tDF
Output Enable High to Output
Hi-Z
E=VIL
40
50
ns
tAXQX
tOH
Address Transition to Output
Transition
E= VIL,G = VIL
00
ns
Notes: 1. Sampled only, not 100% tested.
2. G may be delayed by up to tELQV -tGLQV after the falling edge of E without increasing tELQV.
Table 12B. Read AC Characteristics
(TA = 0 to 70
°C, –20 to 85°C or –40 to 85°C)
Read Array/Reset (RST) instruction. The Reset
instruction consists of one write operation giving
the command F0h. It can be optionally preceded
by the two coded cycles. A wait state of 5
µs before
read operationsis necessaryif the Reset command
is applied during an Erase or Power Down opera-
tion.
Read Electronic Signature (RSIG) instruction.
This instruction uses the two coded cycles followed
by one write cycle giving the command 90h to
address 5555h for command setup. A subsequent
read will output the manufacturer code, the device
code or the Block Protection status depending on
the levels of A0, A1, A6, A16, A17 and A18. The
manufacturer code, 20h, is output when the ad-
dresses lines A0, A1 and A6 are Low, the device
code, E2h is output when A0 is High with A1 and
A6 Low.
Read Block Protection (RBP) instruction. The
use of Read ElectronicSignature(RSIG) command
also allows access to the Block Protection status
verify. After giving the RSIG command, A0 and A6
are set to VIL with A1 at VIH, while A16, A17 and
A18 define the block of the block to be verified. A
read in these conditions will output a 01h if block is
protected and a 00h if block is not protected.
This Read Block Protection is the only valid way to
check the protection status of a block. Neverthe-
less, it must not be used during the block protection
phase as a method to verify the Block Protection.
Please refer to Block Protection paragraph.
Power Down (PD) instruction. The Power Down
instruction uses one write cycle to put the memory
into a power down mode where current consump-
tion is typically reduced to less than 1.0
µA. Once
in this state, a Reset (RST) command must be
written to the P/E.C. prior to any operation.
11/31
M29W040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com