Electronic Components Datasheet Search
  English  ▼

X  

AP400N08MP Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP400N08MP
Description  80V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP400N08MP Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP400N08MP Datasheet HTML 1Page - A POWER MICROELECTRONICS AP400N08MP Datasheet HTML 2Page - A POWER MICROELECTRONICS AP400N08MP Datasheet HTML 3Page - A POWER MICROELECTRONICS AP400N08MP Datasheet HTML 4Page - A POWER MICROELECTRONICS AP400N08MP Datasheet HTML 5Page - A POWER MICROELECTRONICS AP400N08MP Datasheet HTML 6Page - A POWER MICROELECTRONICS AP400N08MP Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP400N08MP
80V N-Channel Enhancement Mode MOSFET
AP400N08MP REV1.0
永源微電子科技有限公司
Description
The AP400N08MP uses advanced SGT II technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 10V.
This device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS = 80V ID =400A
RDS(ON) < 1.5mΩ VGS=10V (Type:1.2mΩ)
Application
Battery protection
Load switch
Uninterruptible power supply
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP400N08MP
TO-247-3L
AP400N08MP XXX YYYY
330
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
80
V
VGS
Gate-Source Voltage
±20
V
ID@TC=25
℃
Continuous Drain Current, VGS @ 10V
400
A
ID@TC=100
℃
Continuous Drain Current, VGS @ 10V
253
A
IDM
Pulsed Drain Current
1600
A
EAS
Single Pulse Avalanche Energy
2258
mJ
PD@TC=25
℃
Total Power Dissipation4
469
W
TSTG
Storage Temperature Range
-55 to 175
℃
TJ
Operating Junction Temperature Range
-55 to 175
℃
RθJA
Thermal Resistance Junction-Ambient
62.5
℃/W
RθJC
Thermal Resistance Junction-Case
0.32
℃
/W


Similar Part No. - AP400N08MP

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP400N08T APME-AP400N08T Datasheet
1Mb / 6P
80V N-Channel Enhancement Mode MOSFET
REV1.0
AP400N08T2 APME-AP400N08T2 Datasheet
1Mb / 6P
80V N-Channel Enhancement Mode MOSFET
REV1.0
AP400N08T6 APME-AP400N08T6 Datasheet
721Kb / 7P
80V N-Channel Enhancement Mode MOSFET
REV1.0
AP400N08TLG1 APME-AP400N08TLG1 Datasheet
937Kb / 6P
85V N-Channel Enhancement Mode MOSFET
REV1.0
AP400N08TLG2 APME-AP400N08TLG2 Datasheet
744Kb / 7P
80V N-Channel Enhancement Mode MOSFET
REV1.0
More results

Similar Description - AP400N08MP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMT8012LK3 DIODES-DMT8012LK3 Datasheet
605Kb / 7P
80V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMT8012LSS DIODES-DMT8012LSS Datasheet
538Kb / 7P
80V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
DMT8012LK3 DIODES-DMT8012LK3_17 Datasheet
508Kb / 7P
80V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
DMT8012LPS DIODES-DMT8012LPS_17 Datasheet
554Kb / 7P
80V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
logo
Pan Jit International I...
PJU60N08 PANJIT-PJU60N08 Datasheet
333Kb / 8P
80V N-Channel Enhancement Mode MOSFET
January 16,2017-REV.00
PSMB032N08NS1 PANJIT-PSMB032N08NS1 Datasheet
672Kb / 7P
80V N-Channel Enhancement Mode MOSFET
April 6,2022 PSMB032N08NS1-REV.00
PSMP032N08NS1 PANJIT-PSMP032N08NS1 Datasheet
579Kb / 7P
80V N-Channel Enhancement Mode MOSFET
April 6,2022 PSMP032N08NS1-REV.00
PSMP055N08NS1 PANJIT-PSMP055N08NS1 Datasheet
575Kb / 7P
80V N-Channel Enhancement Mode MOSFET
April 6,2022 PSMP055N08NS1-REV.00
logo
Diodes Incorporated
DMT8008LFG DIODES-DMT8008LFG Datasheet
415Kb / 7P
80V N-CHANNEL ENHANCEMENT MODE MOSFET
September 2019 Rev. 2 - 2
DMT8008SPS DIODES-DMT8008SPS Datasheet
382Kb / 7P
80V N-CHANNEL ENHANCEMENT MODE MOSFET
January 2019 Rev. 3 - 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com