Electronic Components Datasheet Search
  English  ▼

X  

TS4962M Datasheet(PDF) 7 Page - STMicroelectronics

Part # TS4962M
Description  3W filter-free class D audio power amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4962M Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TS4962M_07 Datasheet HTML 3Page - STMicroelectronics TS4962M_07 Datasheet HTML 4Page - STMicroelectronics TS4962M_07 Datasheet HTML 5Page - STMicroelectronics TS4962M_07 Datasheet HTML 6Page - STMicroelectronics TS4962M_07 Datasheet HTML 7Page - STMicroelectronics TS4962M_07 Datasheet HTML 8Page - STMicroelectronics TS4962M_07 Datasheet HTML 9Page - STMicroelectronics TS4962M_07 Datasheet HTML 10Page - STMicroelectronics TS4962M_07 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
TS4962M
Electrical characteristics
7/41
Table 5.
VCC = +4.2V, GND = 0V, VIC =2.5V, Tamb = 25°C (unless otherwise specified)
(1)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
ICC
Supply current
No input signal, no load
2.1
3
mA
ISTBY
Standby current (2)
No input signal, VSTBY = GND
10
1000
nA
VOO
Output offset voltage
No input signal, RL =8Ω
325
mV
Pout
Output power
G=6dB
THD = 1% max, F = 1kHz, RL =4Ω
THD = 10% max, F = 1kHz, RL =4Ω
THD = 1% max, F = 1kHz, RL =8Ω
THD = 10% max, F = 1kHz, RL =8Ω
1.6
2
0.95
1.2
W
THD + N
Total harmonic
distortion + noise
Pout = 600mWRMS, G = 6dB, 20Hz < F < 20kHz
RL =8Ω + 15µH, BW < 30kHz
Pout = 700mWRMS, G = 6dB, F = 1kHz,
RL =8Ω + 15µH, BW < 30kHz
1
0.35
%
Efficiency Efficiency
Pout =1.45WRMS, RL =4Ω +≥ 15µH
Pout =0.9WRMS, RL =8Ω+≥ 15µH
78
88
%
PSRR
Power supply
rejection ratio with
inputs grounded (3)
F = 217Hz, RL =8Ω, G=6dB,
Vripple = 200mVpp
63
dB
CMRR
Common mode
rejection ratio
F = 217Hz, RL =8Ω, G=6dB,
ΔVicm =200mVpp
57
dB
Gain
Gain value
Rin in kΩ
V/V
RSTBY
Internal resistance
from Standby to GND
273
300
327
k
Ω
FPWM
Pulse width modulator
base frequency
180
250
320
kHz
SNR
Signal to noise ratio
A-weighting, Pout = 0.9W, RL =8Ω
85
dB
tWU
Wake-uptime
5
10
ms
tSTBY
Standby time
5
10
ms
273k
Ω
R
in
-----------------
300k
Ω
R
in
-----------------
327k
Ω
R
in
-----------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com