Electronic Components Datasheet Search
  English  ▼

X  

TS4962MEIJT Datasheet(PDF) 2 Page - STMicroelectronics

Part # TS4962MEIJT
Description  3W filter-free class D audio power amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4962MEIJT Datasheet(HTML) 2 Page - STMicroelectronics

  TS4962MEIJT Datasheet HTML 1Page - STMicroelectronics TS4962MEIJT Datasheet HTML 2Page - STMicroelectronics TS4962MEIJT Datasheet HTML 3Page - STMicroelectronics TS4962MEIJT Datasheet HTML 4Page - STMicroelectronics TS4962MEIJT Datasheet HTML 5Page - STMicroelectronics TS4962MEIJT Datasheet HTML 6Page - STMicroelectronics TS4962MEIJT Datasheet HTML 7Page - STMicroelectronics TS4962MEIJT Datasheet HTML 8Page - STMicroelectronics TS4962MEIJT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
Contents
TS4962M
2/41
Contents
1
Absolute maximum ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
2
Application component information . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
3
Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
4
Electrical characteristic curves . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
5
Application information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
5.1
Differential configuration principle . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
5.2
Gain in typical application schematic . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
5.3
Common mode feedback loop limitations . . . . . . . . . . . . . . . . . . . . . . . . . 29
For example: . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
5.4
Low frequency response . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
5.5
Decoupling of the circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
5.6
Wake-up time: (tWU) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
5.7
Shutdown time (tSTBY) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
5.8
Consumption in shutdown mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
5.9
Single-ended input configuration . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
5.10
Output filter considerations . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32
5.11
Different examples with summed inputs . . . . . . . . . . . . . . . . . . . . . . . . . . 33
Example 1: Dual differential inputs. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 33
Example 2: One differential input plus one single-ended input . . . . . . . . . . . . . . . 34
6
Demoboard . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
7
Footprint recommendations . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
8
Package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 38
9
Ordering information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
10
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com