Electronic Components Datasheet Search
  English  ▼

X  

09225SA Datasheet(PDF) 1 Page - NMB Technologies Corporation

Part # 09225SA
Description  DC Axial Fan Ball Bearing
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NMB [NMB Technologies Corporation]
Direct Link  https://nmbtc.com/
Logo NMB - NMB Technologies Corporation

09225SA Datasheet(HTML) 1 Page - NMB Technologies Corporation

  09225SA Datasheet HTML 1Page - NMB Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
82.5
φ100.0
φ104.0
89.6
82.5
89.6
4 – φ4.3
4 – φ4.3
82.5
92.0±0.5
±0.3
AIR
25.0±0.5
(
4)
(
4)
±0.2
4 – φ4.3
NAME
PLATE
0
40
50
60
70
80
20
30
10
0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
Ps
(Pa)
Q (m3/min)
Air Flow
Q Class
M Class
L Class
N Class
■ Outline
■ Panel Out-cuts
■ Characteristic Curves
■ Expected Life
※Failure Rate: 10%(L10 Life)
(Inlet Side)
(Outlet Side)
■ Specifications
□= Casing Form - - - A: Rib Type、E: Flange Type
Model
Rating Voltage Operating Voltage
Current
Input Power
Speed
Max.Air Flow
Max. Static Pressure
Noise
Mass
Product No.
(V)
(V)
(A)*1
(W)*1
(min-1)*1
(m3/min)*1 (CFM)*1
(Pa)*1
(In H2O)*1
(dB)*1
(g)
09225SA-12L- □ A-
D0
12
6.0 ~ 13.8
0.10
1.20
2400
1.13
39.9
29.0
0.12
25.0
102
09225SA-12M- □ A-
D0
0.14
1.68
2750
1.28
45.2
36.2
0.14
29.0
09225SA-12N- □ A-
D0
0.16
1.92
3100
1.45
51.2
45.0
0.18
32.0
09225SA-12Q- □ A-
D0
7.0 ~ 13.8
0.25
3.00
3900
1.84
65.0
73.0
0.29
40.0
09225SA-24L- □ A-
D0
24
12.0 ~ 27.6
0.05
1.20
2400
1.13
39.9
29.0
0.12
25.0
09225SA-24M- □ A-
D0
0.07
1.68
2750
1.28
45.2
36.2
0.14
29.0
09225SA-24N- □ A-
D0
12.0 ~ 26.4
0.08
1.92
3100
1.45
51.2
45.0
0.18
32.0
09225SA-24Q- □ A-
D0
12.0 ~ 27.6
0.13
3.12
3900
1.84
65.0
73.0
0.29
40.0
 Rotation: Clockwise as seen from the label side
*1: Average Values in Free Air
 Airflow Outlet: Label side
09225SA
92 X25L
DCAxialFan Ball Bearing
■ Material
Casing
:Plastic (Black) UL94V-0
Impeller
:Plastic (Black) UL94V-0
Bearing
:Ball Bearing
Lead Wire
:UL3385 AWG26 +:Red, ­:Black
■ General Specifications
Motor Protection
Auto Restart / Polarity Protection
Insulation Resistance
10MΩ or over with a DC500V Megger
:AC700V 1s
:­ 10℃ ~ + 70℃ (Operating)
Allowable Ambient
Temperature Range
­40℃ ~ +70℃ (Storage)
non-condensing environment
60℃ 40,000 (Hours)
*Outline is A (Rib) type.
Dielectric Withstand Voltage


Similar Part No. - 09225SA

ManufacturerPart #DatasheetDescription
logo
NMB Technologies Corpor...
09225SE NMB-09225SE Datasheet
353Kb / 3P
IP55 Protected/Tacho Output Brushless DC Fan
03.22..22 - Rev. 1.1
09225SE-12Q-FT-DW NMB-09225SE-12Q-FT-DW Datasheet
353Kb / 3P
IP55 Protected/Tacho Output Brushless DC Fan
03.22..22 - Rev. 1.1
09225SE-24Q-FT-DW NMB-09225SE-24Q-FT-DW Datasheet
353Kb / 3P
IP55 Protected/Tacho Output Brushless DC Fan
03.22..22 - Rev. 1.1
More results

Similar Description - 09225SA

ManufacturerPart #DatasheetDescription
logo
Kepont Electronics, Inc...
KEST-471BT KEPONT-KEST-471BT Datasheet
194Kb / 1P
Sleeve or Ball Bearing
KEST-481BT KEPONT-KEST-481BT Datasheet
188Kb / 1P
Ball Bearing
KEST-471BW KEPONT-KEST-471BW Datasheet
194Kb / 1P
Sleeve or Ball Bearing
KEST-481BW KEPONT-KEST-481BW Datasheet
188Kb / 1P
Ball Bearing
KEST-482BT KEPONT-KEST-482BT Datasheet
188Kb / 1P
Ball Bearing
KEST-482BW KEPONT-KEST-482BW Datasheet
188Kb / 1P
Ball Bearing
logo
Axiomtek Co., Ltd.
AX61400 AXIOMTEK-AX61400 Datasheet
298Kb / 2P
One 12cm ball-bearing fan
logo
List of Unclassifed Man...
B6025L ETC2-B6025L Datasheet
375Kb / 1P
ball bearing or fluid dynamic bearing
logo
ebm-papst
6318H EBMPAPST-6318H Datasheet
111Kb / 1P
Ball bearing
logo
SparkFun Electronics
ROB-12245 SPARKFUN-ROB-12245 Datasheet
98Kb / 1P
Ball Bearing Hub
2/4/2016
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com