Electronic Components Datasheet Search
  English  ▼

X  

D330 Datasheet(PDF) 2 Page - Delkin Devices.

Part # D330
Description  SD / SDHC / SDXC Cards
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELKINDEVICES [Delkin Devices.]
Direct Link  https://www.delkindevices.com/
Logo DELKINDEVICES - Delkin Devices.

D330 Datasheet(HTML) 2 Page - Delkin Devices.

  D330 Datasheet HTML 1Page - Delkin Devices. D330 Datasheet HTML 2Page - Delkin Devices.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SECURE DIGITAL CARDS PRODUCT MATRIX
www.delkin.com | 800.637.8087 | 858.391.1234
Page 2 of 2
SD Industrial Spec Sheet Rev April 2021
SD Product Family
D330 Series
Utility SD
Utility+ SD
Interface
SD 3.0, Class 10, UHS-I
SD 3.0, Class 10, UHS-I
Connector
Standard SD 9 pin
Outline Dimensions
32 (± 0.10) x 24 (± 0.10) x 2.1 (± 0.15) mm
Flash Type
SLC
MLC/3D Industrial
Density Range
128MB–2GB (SD)
4GB–32GB (SDHC)
8GB–32GB (SDHC)
64GB–128GB (SDXC)
8GB–32GB (SDHC)
64GB–128GB (SDXC)
Data Retention
10 years - up to 10% of P/E cycles
5 years - up to 10% of P/E cycles
1 year - at end of life / 100% of cycles
1 year - at end of life / 100% of cycles
Endurance
(Raw Flash Level)
60,000 P/E Cycles
3,000 P/E Cycles
Operating Temperature
-40°C to +85°C
-25°C to +85°C
-40°C to +85°C
Storage Temperature
-40°C to +85°C
-40°C to +85°C
Performance
Sequential Read (MB/s)
up to 65
up to 95
Sequential Write (MB/s)
up to 65
up to 85
MTBF
≥ 2,000,000 hours (0 - 25°C)
≥ 3,000,000 hours (0 - 25°C)
Shock*
10G for 11 msec, Sawtooth Waveform
1,500 G for 0.5msec
Vibration*
7.7GRMS
20Hz – 1000Hz @ 0.04 G2/Hz,
1000Hz – 2000Hz @ 0.01 G2/Hz
20Hz ~80Hz/1.52mm displacement
80Hz~2000Hz / 20G Acceleration
Humidity
5-95%RH
95% RH under 40°C
Voltage
2.7 – 3.6 V Normal
Power Consumption
Read typically <400 mA
Write typically < 400mA
Idle typically < 1 mA
Read typically <400 mA
Write typically < 400 mA
Idle typically < 1000 uA
Features & Tools
Sophisticated Wear Leveling
& Bad Block Management
Highest Endurance
Longest Life Cycle
SMART / Dashboard
Robust Power Fail & Firmware Protection
Sophisticated Wear Leveling & Bad Block Management
SMART Data Reporting & Dashboard
Limited Life Cycle Management
Cost Effective
Part Numbers
128MB
256MB
512MB
1GB
2GB
4GB
8GB
16GB
32GB
SE12TLKFX-1D000-3
SE25TLMFX-1D000-3
SE51TLNFX-1D000-3
SE0GTLNFX-1D000-3
SE02TLNFX-1D000-3
SE04TLNFX-1B000-3
SE08TRZFX-1B000-3
SE16TRZFX-1B000-3
SE32TRZFX-1B000-3
8GB
16GB
32GB
64GB
128GB
SF08APGJP-U1000-3
SF16ANZJP-U1000-3
SF32FQYFA-U1000-3
SF64FQYFA-U1000-3
SF1HFQYFA-U1000-3
8GB
16GB
32GB
64GB
128GB
SE08APGJP-1B000-3
SE16ANZJP-1B000-3
SE32FQYFA-1B000-3
SE64FQYFA-1B000-3
SE1HFQYFA-1B000-3
Contact Delkin for other options, including pSLC cards



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com