Electronic Components Datasheet Search
  English  ▼

X  

333GD Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part # 333GD
Description  5.0mm Round Type LED Lamps
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

333GD Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  333GD Datasheet HTML 1Page - Everlight Electronics Co., Ltd 333GD Datasheet HTML 2Page - Everlight Electronics Co., Ltd 333GD Datasheet HTML 3Page - Everlight Electronics Co., Ltd 333GD Datasheet HTML 4Page - Everlight Electronics Co., Ltd 333GD Datasheet HTML 5Page - Everlight Electronics Co., Ltd 333GD Datasheet HTML 6Page - Everlight Electronics Co., Ltd 333GD Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet
5.0mm Round Type LED Lamps
█
Features :
●
Low power consumption
●
High efficiency and low cost
●
Good control and free combinations
on the colors of LED lamps
●
Good lock and easy to assembly
●
Stackable and easy to assembly
Stackable vertically and easy to assembly
●
Versatile mounting on P.C board or panel
●
Stackable horizontally and easy to assembly
●
Pb free
●
The product itself will remain within RoHS compliant version
█
Descriptions :
●
ARRAY=Plastic Holder+Combinations of Lamps
●
The array will easily mount the applicable lamps on any panel up to
█
Applications :
●
1.Used as indicators of indicating the Degree, Functions, Positions etc, in electronic instruments.
Chip
Material
Emitted Color
333GD
GaP
Green
Green Diffused
EVERLIGHT ELECTRONICS CO.,LTD.
REV.:
4
Page: 1 of 6
Device Number :
CDAE-020-008
2005/8/26
Prepared by:
Zhenxia Qu
A203B/G
Lens Color
PART NO.
Prepared date:
'http : //www.everlight.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com