Electronic Components Datasheet Search
  English  ▼

X  

ADAM-4021 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ADAM-4021
Description  1-ch Analog Output Module with Modbus
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ADAM-4021 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ADAM-4021 Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RS-485 I/O Modules: ADAM-4000
1-ch Analog Output Module with Modbus
4-ch Analog Output Module with Modbus
Specifications
General
ƒ
Connectors
1 x plug-in terminal
blocks (#14 ~ 22 AWG)
ƒ
Power Consumption
1.4 W @ 24 VDC
ƒ
Watchdog Timer
System (1.6 second)
ƒ
Supported Protocols
ASCII command and Modbus/RTU
Analog Output
ƒ
Channels
1
ƒ
Output Impedance
0.5 Ω
ƒ
Output Range
0 ~ 20 mA, 4 ~ 20 mA, 0 ~ 10 V
ƒ
Output Type
mA, V
ƒ
Accuracy
±0.2% of FSR for current output
±0.1% of FSR for voltage output
ƒ
Current Load Resistor 0 to 500 Ω (source)
ƒ
Resolution
12-bit
ƒ
Isolation Voltage
3,000 VDC
ƒ
Programmable
0.125 ~ 128 mA/sec.
Output Slope
0.0625 ~ 64.0 V/sec.
ƒ
Readback Accuracy
±1% of FSR
ƒ
Span Temperature
±25 ppm/°C
Coefficient
ƒ
Zero Drift
Voltage output:
±30 µV/°C
Current output:
±0.2 µA/°C
ADAM-4021
ADAM-4024
ADAM-4021
ADAM-4024
Ordering Information
ƒ
ADAM-4021-F
1-ch Analog Output
Module with Modbus
ƒ
ADAM-4024-B1E
4-ch Analog Output
Module with Modbus
Common Specifications
General
ƒ
Power Input
Unregulated 10 ~ 30 VDC
Specifications
General
ƒ
Connectors
2 x plug-in terminal blocks (#14 ~ 28 AWG)
ƒ
Power Consumption
3 W @ 24 VDC
ƒ
Watchdog Timer
System (1.6 second) & Communication
ƒ
Supported Protocols
ASCII command and Modbus/RTU
Analog Output
ƒ
Channels
4
ƒ
Output Impedance
0.5 Ω
ƒ
Output Range
0 ~ 20 mA, 4 ~ 20mA, ±10 V
ƒ
Output Type
mA, V (Differential)
ƒ
Accuracy
±0.1 % of FSR for current output
±0.1 % of FSR for voltage output
ƒ
Current Load Resistor Max. 500 Ω (source)
ƒ
Voltage Load Resistor Min. 1K Ω
ƒ
Resolution
12-bit
ƒ
Isolation Voltage
3,000 VDC
ƒ
Programmable
0.125 ~ 128 mA/sec.
Output Slope
0.0625 ~ 64.0 V/sec.
ƒ
Span Temperature
±25 ppm/°C
Coefficient
ƒ
Zero Drift
Voltage output: ±30 µV/°C
Current output: ±0.2 µA/°C
Digital Input
ƒ
Channels
4
ƒ
Input Level
Logic level 0: 1 V max.
Logic level 1: 10 ~ 30 VDC
ƒ
Isolation Voltage
3,000 VDC
Environment
ƒ
Operating Humidity
5 ~ 95% RH
ƒ
Operating Temperature -10 ~ 70°C
(14 ~ 185°F)
ƒ
Storage Temperature
- 25 ~ 85°C
(-13 ~ 185°F)
RoHS
COMPLIANT
2002/95/EC
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice.
Last updated: 28-Nov-2022


Similar Part No. - ADAM-4021

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-4021 ADVANTECH-ADAM-4021 Datasheet
121Kb / 1P
8-channel Universal Analog Input Module
ADAM-4021 ADVANTECH-ADAM-4021 Datasheet
709Kb / 1P
1-ch Analog Output Module
ADAM-4021 ADVANTECH-ADAM-4021 Datasheet
295Kb / 1P
1-ch Analog Output Module
27-Jun-2018
ADAM-4021 ADVANTECH-ADAM-4021_V01 Datasheet
295Kb / 1P
1-ch Analog Output Module
27-Jun-2018
More results

Similar Description - ADAM-4021

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-4520I ADVANTECH-ADAM-4520I Datasheet
699Kb / 1P
Robust 8-ch Analog Input Module with Modbus
ADAM-4017+ ADVANTECH-ADAM-4017+ Datasheet
702Kb / 1P
8-ch Analog Input Module with Modbus
ADAM-4021 ADVANTECH-ADAM-4021 Datasheet
709Kb / 1P
1-ch Analog Output Module
ADAM-4117 ADVANTECH-ADAM-4117_15 Datasheet
307Kb / 1P
Robust 8-ch Analog Input Module with Modbus
ADAM-6217 ADVANTECH-ADAM-6217_14 Datasheet
1Mb / 2P
8-ch Isolated Analog Input Modbus TCP Module
ADAM-6224 ADVANTECH-ADAM-6224_14 Datasheet
1Mb / 2P
4-ch Isolated Analog Output Modbus TCP Module
ADAM-6266 ADVANTECH-ADAM-6266_14 Datasheet
1Mb / 2P
4-ch Relay Output Modbus TCP Module with 4-ch DI
ADAM-4016 ADVANTECH-ADAM-4016 Datasheet
286Kb / 1P
1-ch Analog Input/Output Module, 8-ch Analog Input Module
ADAM-6260 ADVANTECH-ADAM-6260_V01 Datasheet
259Kb / 1P
6-ch Relay Output Modbus TCP Module
27-Jun-2018
ADAM-4021 ADVANTECH-ADAM-4021_V01 Datasheet
295Kb / 1P
1-ch Analog Output Module
27-Jun-2018
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com