Electronic Components Datasheet Search
  English  ▼

X  

ADAM-6066-D. Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ADAM-6066-D.
Description  6-ch Digital Input and 6-ch Relay Modbus TCP Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ADAM-6066-D. Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ADAM-6066-D. Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ethernet I/O Modules: ADAM-6000
ADAM-6060
ADAM-6066
Specifications
General
ƒ LAN
10/100Base-T(X)
ƒ Power Consumption
2 W @ 24 VDC (ADAM-6060)
2.5 W @ 24 VDC (ADAM-6066)
ƒ Connectors
1 x RJ-45 (LAN), Plug-in screw terminal block (I/O and power)
ƒ Watchdog Timer
System (1.6 second) and Communication (programmable)
ƒ Power Input
10 ~ 30 VDC
ƒ Supports Peer-to-Peer
ƒ Supports GCL
ƒ Supports Modbus/TCP, TCP/IP, UDP, DHCP,SNMP, HTTP and MQTT Protocol
Digital Input
ƒ Channels
6
ƒ Dry Contact
Logic level 0: close to GND
Logic level 1: open
ƒ Wet Contact
Logic level 0: 3 VDC
Logic level 1: 10 ~ 30 VDC
ƒ Supports 3 kHz Counter Input (32-bit + 1-bit overflow)
ƒ Keep/Discard Counter Value when Power-off
ƒ Supports 3 kHz Frequency Input
ƒ Supports Inverted DI Status
Relay Output (Form A)
ƒ Channels
6
ƒ Contact Rating (Resistive) ADAM-6060: 120 VAC @ 0.5 A
30 VDC @ 1 A
ADAM-6066: 250 VAC @ 5 A
30 VDC @ 3 A
ƒ Breakdown Voltage
500 VAC (50/60 Hz)
ƒ Relay On Time
7 ms
ƒ Relay Off Time
3 ms
ƒ Total Switching Time
10 ms
ƒ Insulation Resistance
1 G
Ω min. at 500 VDC
ƒ Maximum Switching
20 operations/minute
Rate (at rated load)
ƒ Supports Pulse Output
Protection
ƒ Isolation Voltage
2,000 VDC
ƒ Power Reversal Protection
Environment
ƒ Operating Temperature
-10 ~ 70°C (14 ~ 158°F)
-40 ~ 70°C ( -40~158°F) for D version
ƒ Storage Temperature
-20 ~ 80°C (-4 ~ 176°F)
-40 ~ 80°C (-40~176°F) for D version
ƒ Operating Humidity
20 ~ 95% RH (non-condensing)
ƒ Storage Humidity
0 ~ 95% RH (non-condensing)
Ordering Information
ƒ ADAM-6060
6-ch DI and 6-ch Relay Modbus TCP Module
ƒ ADAM-6066
6-ch DI and 6-ch Power Relay Modbus TCP Module
ADAM-6060
ADAM-6000 Series Common Specifications
General
ƒ
Dimensions (W x H x D) 70 x 120 x 30 mm
ƒ
Enclosure
ABS+PC
ƒ
Mounting
DIN 35 rail, stack, wall
ADAM-6066
6-ch Digital Input and 6-ch Relay
Modbus TCP Module
6-ch Digital Input and 6-ch Power Relay
Modbus TCP Module
Unit: mm
ADAM-6000 Series Dimensions
Front View
Rear View
Side View
DIN-Rail Mounting View
Top View
R35.00
56.00
60.00
56.00
28
Ø8.0
M3
56.00
28
Wall Mounting View
30.00
27.00
M3
2-SCREW
70.00
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice.
Last updated: 18-Oct-2017


Similar Part No. - ADAM-6066-D.

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-6066-D ADVANTECH-ADAM-6066-D Datasheet
275Kb / 1P
6-ch Digital Input and 6-ch Relay Modbus TCP Module
7-Feb-2023
ADAM-6066-D ADVANTECH-ADAM-6066-D Datasheet
4Mb / 13P
7-ch Isolated RTD Input Modbus TCP Module
26-Apr-2024
More results

Similar Description - ADAM-6066-D.

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-6060 ADVANTECH-ADAM-6060 Datasheet
632Kb / 1P
6-ch Digital Input and 6-ch Relay Module
ADAM-6015 ADVANTECH-ADAM-6015_14 Datasheet
350Kb / 1P
7-ch Isolated RTD Input Modbus TCP Module
ADAM-6060 ADVANTECH-ADAM-6060_15 Datasheet
1Mb / 2P
6-ch Digital Input and 6-ch Relay Modbus TCP Module
ADAM-6066 ADVANTECH-ADAM-6066_14 Datasheet
1Mb / 2P
6-ch Digital Input and 6-ch Power Relay Modbus TCP Module
ADAM-6217 ADVANTECH-ADAM-6217_14 Datasheet
1Mb / 2P
8-ch Isolated Analog Input Modbus TCP Module
ADAM-6251 ADVANTECH-ADAM-6251_14 Datasheet
1Mb / 2P
16-ch Isolated Digital Input Modbus TCP Module
ADAM-6256 ADVANTECH-ADAM-6256_14 Datasheet
1Mb / 2P
16-ch Isolated Digital Output Modbus TCP Module
ADAM-6260 ADVANTECH-ADAM-6260_14 Datasheet
1Mb / 2P
6-ch Relay Output Modbus TCP Modul
ADAM-6266 ADVANTECH-ADAM-6266_14 Datasheet
1Mb / 2P
4-ch Relay Output Modbus TCP Module with 4-ch DI
ADAM-6260 ADVANTECH-ADAM-6260_V01 Datasheet
259Kb / 1P
6-ch Relay Output Modbus TCP Module
27-Jun-2018
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com