Electronic Components Datasheet Search
  English  ▼

X  

BB-9PMDS. Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # BB-9PMDS.
Description  RS-232 Modem Data Splitter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

BB-9PMDS. Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  BB-9PMDS. Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
All product specifications are subject to change without notice.
Advantech B+B SmartWorx, 707 Dayton Road, PO Box 1040 Ottawa, IL 61350 USA
1 (800)346-3119/Toll Free | orders@advantech-bb.com | support@advantech-bb.com
www.advantech.com
SPECIFICATIONS
SERIAL TECHNOLOGY
RS-232
Connectors
Straight Through Ports: (2) DB9 Female
Monitoring Port: (1) DB9 Male
Installation
In-line
MECHANICAL
Weight
81.7 gm (0.18 lb)
ENVIRONMENTAL
Operating Temperature 0 to +70 °C (+32 to +185 °F)
Storage Temperature -40 to +85 °C (-40 to +185 °F)
Operating Humidity
0 to 95%, non-condensing
MEANTIME BETWEEN FAILURES (MTBF)
MTBF
2595488 hours
MTBF Calc. Method
MIL 217F Parts Count Reliability Prediction
REGULATORY / APPROVALS / CERTIFICATIONS
FCC
CE - Directives
2011/65/EU amended by (EU) 2015/863 Reduction of
Hazardous Substances Directive (RoHS)
2012/19/EU - Waste Electrical and Electronic Equipment
(WEEE)
CE - Standards
Note: EMC Directive 2014/30/EU, Section 12, states: "This Directive
should not regulate equipment which is inherently benign in terms of
electromagnetic compatibility." Thus, neither the EMC Directive nor
emissions and immunity EMC standards apply to this product.
WIRING DIAGRAM
RS-232 Modem Data Splitter
Model BB-9PMDS
With thisserial port splitter you gain reliability by capturing data from one peripheral
on redundant PCs. This RS-232 splitter can improve a system’s economy by
sharing multiple PCs on a single peripheral.
Model BB-9PMDS connects two computers or terminals to one modem without
switching. The splitter can combine two 9-pin DTE ports to one 9-pin DCE port.
• Computers & terminals use one modem without switching
• Connect two PCs to one peripheral
• Use with modems, scanners, scales, other serial devices
• Quick plug-and-play installation – no configuration required
• May be left permanently installed
PRODUCT FEATURES
ACCESSORIES – sold separately
BB-9PAMF6 - DB9 Male to DB9 Female, 1.8 m (6 ft)
BB-232CAM - DB9 Female to DB25 Male, 1.8 m (6 ft)
ORDERING INFORMATION
MODEL NUMBER PC PORTS (slaves)
PERIPHERAL PORTS (master)
BB-9PMDS
(2) DB9 Female
(1) DB9 Male
BB-9PMDS _0920ds


Similar Part No. - BB-9PMDS.

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
BB-9PMDS ADVANTECH-BB-9PMDS Datasheet
399Kb / 1P
RS-232 Modem Data Splitter
More results

Similar Description - BB-9PMDS.

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LDM485 ETC-LDM485 Datasheet
179Kb / 4P
Fully Isolated Limited Distance Modem, RS-232/485 Converter
LDM422 ETC1-LDM422 Datasheet
147Kb / 4P
Fully Isolated Limited Distance Modem, RS-232/422 Converter
logo
Advantech Co., Ltd.
BB-9PMDS ADVANTECH-BB-9PMDS Datasheet
399Kb / 1P
RS-232 Modem Data Splitter
9PCDT ADVANTECH-9PCDT Datasheet
489Kb / 2P
RS-232 Data Taps
BB-232CAM ADVANTECH-BB-232CAM Datasheet
487Kb / 1P
RS-232 Modem Cable DB9 Female to DB25 Male
BB-232CDT ADVANTECH-BB-232CDT Datasheet
497Kb / 2P
RS-232 Data Taps
BB-UDS ADVANTECH-BB-UDS Datasheet
206Kb / 1P
RS-232 Universal Data Splitter
MMNM9 ADVANTECH-MMNM9 Datasheet
270Kb / 1P
RS-232 Null Modem Adapter
ULI-252D ADVANTECH-ULI-252D Datasheet
355Kb / 1P
RS-232 Data Tap
10-Aug-2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com