Electronic Components Datasheet Search
  English  ▼

X  

41235 Datasheet(PDF) 1 Page - Wiha Tools

Part # 41235
Description  Screwdriver with bit magazine LiftUp electric
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

41235 Datasheet(HTML) 1 Page - Wiha Tools

  41235 Datasheet HTML 1Page - Wiha Tools 41235 Datasheet HTML 2Page - Wiha Tools 41235 Datasheet HTML 3Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
228
Screwdriver with bit magazine LiftUp electric
Slotted, Phillips with 6 slimBits
2831 09 020
Order-No.
38610
5
1 x 2,5 / 1 x 3,0 / 1 x 4,0 / 1 x 5,5
1 x PH1 / 1 x PH2
Screwdriver with bit magazine LiftUp electric
Phillips, slotted with 6 slimBits in blister pack
SB 2831 09 020
Order-No.
38612
1
1 x 2,5 / 1 x 3,0 / 1 x 4,0 / 1 x 5,5
1 x PH1 / 1 x PH2
Screwdriver with bit magazine LiftUp electric
Phillips, PlusMinus/Pozidriv, slotted with 6 slimBits
2831 09 021
Order-No.
38611
5
1 x 3,0 / 1 x 4,0 / 1 x 5,5
1 x PH1 / 1 x PH2
1 x SL/PZ2
Screwdriver with bit magazine LiftUp electric
TORX® with 6 slimBits
2831 09 022
Order-No.
41157
5
1 x T8 / 1 x T9 / 1 x T10 / 1 x T15 / 1 x T20 / 1 x T25
Screwdriver with bit magazine LiftUp electric
TORX® with 6 slimBits in blister pack
SB 2831 09 022
Order-No.
41158
1
1 x T8 / 1 x T9 / 1 x T10 / 1 x T15 / 1 x T20 / 1 x T25
Screwdriver with bit magazine LiftUp electric
Pozidriv, PlusMinus/Pozidriv, slotted with 6
slimBits
2831 09 023
Order-No.
41234
5
1 x 2,5 / 1 x 5,5
1 x PZ1 / 1 x PZ2
1 x SL/PZ2
Screwdriver with bit magazine LiftUp electric
Slotted, Pozidriv, PlusMinux/Pozidriv with 6
slimBits in blister pack
SB 2831 09 023
Order-No.
41235
1
1 x 2,5 / 1 x 5,5
1 x PZ1 / 1 x PZ2
1 x SL/PZ2
Screwdriver with bit magazine LiftUp 26one
assorted with 13 double bits in blister pack, 1/4"
SB 3803 04 020
Order-No.
40907
1
T10 - T15 / T20 - T25 / T27 - T30
PH1 - PH2 / PH0 - PH3
PZ1 - PZ2
#1 - #2
4,0 - 0,5
3 - 4 / 5 - 6 / 3/32 - 7/64 / 1/8 - 9/64 / 5/32 - 3/16


Similar Part No. - 41235

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
412355A EXTECH-412355A Datasheet
170Kb / 8P
Voltage Calibrator
412355A EXTECH-412355A_15 Datasheet
165Kb / 1P
Current & Voltage Calibrators/Meters
More results

Similar Description - 41235

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
IL-G-C2-SC-10000 JAE-IL-G-C2-SC-10000 Datasheet
144Kb / 1P
MAGAZINE ASSEMBLY
IL-AG5-C1-5000 JAE-IL-AG5-C1-5000 Datasheet
111Kb / 1P
MAGAZINE ASSEMBLY
IL-Z-C3-A-15000 JAE-IL-Z-C3-A-15000 Datasheet
110Kb / 1P
MAGAZINE ASSEMBLY
LY10-C1-1-10000 JAE-LY10-C1-1-10000 Datasheet
146Kb / 1P
MAGAZINE ASSEMBLY
IL-AG5-PC1-5000 JAE-IL-AG5-PC1-5000 Datasheet
96Kb / 1P
MAGAZINE ASSEMBLY
IL-Z-C1-A-7000 JAE-IL-Z-C1-A-7000 Datasheet
122Kb / 1P
MAGAZINE ASSEMBLY
FI-C3-A1-15000 JAE-FI-C3-A1-15000 Datasheet
119Kb / 1P
MAGAZINE ASSEMBLY
IL-AG5-C1-1E-5000 JAE-IL-AG5-C1-1E-5000 Datasheet
123Kb / 1P
MAGAZINE ASSEMBLY
FI-RC3-1B-1E-15000 JAE-FI-RC3-1B-1E-15000 Datasheet
122Kb / 1P
MAGAZINE ASSEMBLY
logo
SparkFun Electronics
TOL-15548 SPARKFUN-TOL-15548 Datasheet
140Kb / 2P
Electric Hobby Screwdriver Set
9??4??9
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com