Electronic Components Datasheet Search
  English  ▼

X  

AP2312CI Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP2312CI
Description  20V NChannel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP2312CI Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP2312CI Datasheet HTML 1Page - A POWER MICROELECTRONICS AP2312CI Datasheet HTML 2Page - A POWER MICROELECTRONICS AP2312CI Datasheet HTML 3Page - A POWER MICROELECTRONICS AP2312CI Datasheet HTML 4Page - A POWER MICROELECTRONICS AP2312CI Datasheet HTML 5Page - A POWER MICROELECTRONICS AP2312CI Datasheet HTML 6Page - A POWER MICROELECTRONICS AP2312CI Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP2312CI
20V NChannel Enhancement Mode MOSFET
AP2312CI REV1.0
永源微電子科技有限公司
Description
The AP2312CI uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 2.5V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS = 20V ID =6.0A
RDS(ON) < 23mΩ @ VGS=4.5V (Type:18mΩ)
Application
Battery protection
Load switch
Uninterruptible power supply
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP2312C
SOT23L
2312C
3000
Absolute Maximum Ratings (TC=25
℃unless otherwise noted)
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
20
V
VGS
Gate-Source Voltage
±
12
V
ID@TA=25℃
Continuous Drain Current, VGS @ 4.5V1
6.0
A
ID@TA=70℃
Continuous Drain Current, VGS @ 4.5V1
3.9
A
IDM
Pulsed Drain Current2
20
A
PD@TA=25℃
Total Power Dissipation3
1.25
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
RθJA
Thermal Resistance Junction-ambient 1
85
℃
/W
RθJC
Thermal Resistance Junction-Case1
74
℃
/W


Similar Part No. - AP2312CI

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP2312AI APME-AP2312AI Datasheet
1Mb / 7P
20V N-Channel Enhancement Mode MOSFET
AP2312BI APME-AP2312BI Datasheet
1Mb / 7P
20V N-Channel Enhancement Mode MOSFET
logo
Schneider Electric
AP2312G10ST SCHNEIDER-AP2312G10ST Datasheet
72Kb / 2P
BUSWAY PLUG-IN STRAIGHT LGTH 10FT 1200A
Jun 3, 2020
AP2312G4ST SCHNEIDER-AP2312G4ST Datasheet
63Kb / 2P
BUSWAY PLUG-IN STRAIGHT LENGTH 4FT 1200A
Jun 3, 2020
AP2312G8ST SCHNEIDER-AP2312G8ST Datasheet
63Kb / 2P
BUSWAY PLUG-IN STRAIGHT LENGTH 8 FOOT
Jun 3, 2020
More results

Similar Description - AP2312CI

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN2A01F ZETEX-ZXMN2A01F_06 Datasheet
216Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN2A02X8 ZETEX-ZXMN2A02X8_05 Datasheet
246Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXM61N02F ZETEX-ZXM61N02F Datasheet
208Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXM61P02F ZETEX-ZXM61P02F_04 Datasheet
197Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LP2301LT1G LRC-LP2301LT1G Datasheet
809Kb / 5P
20V P-Channel Enhancement-Mode MOSFET
logo
Pan Jit International I...
PJS6601 PANJIT-PJS6601 Datasheet
559Kb / 9P
20V Complementary Enhancement Mode MOSFET
PJS6602 PANJIT-PJS6602 Datasheet
474Kb / 9P
20V Complementary Enhancement Mode MOSFET
logo
Leshan Radio Company
LP3443LT1G LRC-LP3443LT1G Datasheet
338Kb / 6P
20V P-Channel Enhancement-Mode MOSFET VDS = -20V
logo
Pan Jit International I...
PJS6601-AU PANJIT-PJS6601-AU Datasheet
540Kb / 9P
20V Complementary Enhancement Mode MOSFET
January 20,2022 PJS6601-AU-REV.02
PJS6602-AU PANJIT-PJS6602-AU Datasheet
518Kb / 9P
20V Complementary Enhancement Mode MOSFET
January 20,2022 PJS6602-AU-REV.01
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com