Electronic Components Datasheet Search
  English  ▼

X  

124D60428 Datasheet(PDF) 2 Page - Norgren Ltd

Part # 124D60428
Description  Pneufit Push-in Tube Fittings Inch 1⁄8" – 1⁄2" O/D tube
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORGREN [Norgren Ltd]
Direct Link  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd

124D60428 Datasheet(HTML) 2 Page - Norgren Ltd

  124D60428 Datasheet HTML 1Page - Norgren Ltd 124D60428 Datasheet HTML 2Page - Norgren Ltd 124D60428 Datasheet HTML 3Page - Norgren Ltd 124D60428 Datasheet HTML 4Page - Norgren Ltd 124D60428 Datasheet HTML 5Page - Norgren Ltd 124D60428 Datasheet HTML 6Page - Norgren Ltd 124D60428 Datasheet HTML 7Page - Norgren Ltd 124D60428 Datasheet HTML 8Page - Norgren Ltd 124D60428 Datasheet HTML 9Page - Norgren Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
N/UK 9.3.010.02
01/97
Pneufit Push-In Tube Fittings Inch
Our policy is one of continuous research and development. We therefore reserve the right
to amend, without notice, the specifications given in this document.
Straight Unions, Connectors and Adaptors
BARB ADAPTOR
12019
Page 9.3.010.03
UNION
Inch tube to MM Tube
10020/10037
Page 9.3.010.09
MALE CONNECTOR
Inch O/D Tube to BSPT
Thread
10125/12125
Page 9.3.010.05
MALE CONNECTOR
MM O/D Tube to NPTF
[Male] Thread
10425/12425
Page 9.3.010.05
UNION
12020
Page 9.3.010.03
SWIVEL MALE ELBOW
12477
Page 9.3.010.06
DOUBLE MALE UNION
(BRASS)
12022
Page 9.3.010.03
BULKHEAD UNION
12029
Page 9.3.010.04
MALE CONNECTOR
12425
Page 9.3.010.05
MALE ELBOW
12445
Page 9.3.010.07
UNION ELBOW
12040
Page 9.3.010.06
UNION TEE
12060
Page 9.3.010.07
PARALLEL UNION Y
CONNECTOR
(Thermoplastic)
12082
Page 9.3.010.08
SWIVEL TEE ADAPTOR
12167
10167
Page 9.3.010.07
SWIVEL SIDE TEE
ADAPTOR
12168
10168
Page 9.3.010.07
PARALLEL MALE Y
CONNECTOR
12084
Page 9.3.010.08
PARALLEL MALE Y
CONNECTOR
(Plastic)
12084
Page 9.3.010.05
PARALLEL MALE Y
SWIVEL
(Plastic)
12488
Page 9.3.010.09
ELBOW BANJO
ASSEMBLY
12VO
Page 9.3.010.10
ELBOW BANJO
ASSEMBLY
12VAO
Page 9.3.010.10
STEM ADAPTOR
MM O/D Stem to NPTF
[Male] Thread
10415/12415
Page 9.3.010.09
SWIVEL FEMALE ELBOW
12448
Page 9.3.010.06
ISO G BANJO TEE
12R71
Page 9.3.010.09
SWIVEL MALE RUN TEE
12468
Page 9.3.010.08
SWIVEL MALE BRANCH
TEE
12467
Page 9.3.010.08
STEM ADAPTOR
12415
Page 9.3.010.04
FIXED ELBOW ADAPTOR
12145
Page 9.3.010.06
FEMALE CONNECTOR
12426
Page 9.3.010.04
Page 9.3.010.08
BANJO ELBOW
12R51
Page 9.3.010.04
STEM ADAPTOR
Inch O/D Stem to BSPT
Thread
10115/12115
Page 9.3.010.07
EXTENDED SWIVEL MALE
ELBOW
12454
Elbow Unions and Connectors and Banjos
Accessories
Tee Unions, Connectors and Banjos, ‘Y’ Unions and Connectors
MANIFOLD
O/D tube to O/D tube
120D6
Page 9.3.010.11
MANIFOLD
O/D tube to male NPTF
thread
124D6
Page 9.3.010.11
PLUG
(Plastic)
13004
Page 9.3.010.04
TUBE END
EXPANDER/REDUCER
12023
Page 9.3.010.03
PLUG
12004
Page 9.3.010.04



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com