Electronic Components Datasheet Search
  English  ▼

X  

X9317 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # X9317
Description  Low Noise, Low Power, 100 Taps, Digitally Controlled Potentiometer (XDCP™)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9317 Datasheet(HTML) 1 Page - Renesas Technology Corp

  X9317 Datasheet HTML 1Page - Renesas Technology Corp X9317 Datasheet HTML 2Page - Renesas Technology Corp X9317 Datasheet HTML 3Page - Renesas Technology Corp X9317 Datasheet HTML 4Page - Renesas Technology Corp X9317 Datasheet HTML 5Page - Renesas Technology Corp X9317 Datasheet HTML 6Page - Renesas Technology Corp X9317 Datasheet HTML 7Page - Renesas Technology Corp X9317 Datasheet HTML 8Page - Renesas Technology Corp X9317 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
FN8183 Rev.10.01
Page 1 of 13
Mar 22, 2024
© 2004-2024 Renesas Electronics
X9317
Low Noise, Low Power, 100 Taps, Digitally Controlled Potentiometer (XDCP™)
DATASHEET
The X9317 is a digitally controlled potentiometer (XDCP™). The
device consists of a resistor array, wiper switches, a control
section, and nonvolatile memory. The wiper position is
controlled by a 3-wire interface.
The potentiometer is implemented by a resistor array
composed of 99 resistive elements and a wiper switching
network. Between each element and at either end are tap
points accessible to the wiper terminal. The position of the
wiper element is controlled by the CS, U/D, and INC inputs. The
position of the wiper can be stored in nonvolatile memory and
then be recalled upon a subsequent power-up operation.
The device can be used as a three-terminal potentiometer for
voltage control or as a two-terminal variable resistor for current
control in a wide variety of applications.
Applications
•LCD bias control
• DC bias adjustment
• Gain and offset trim
• Laser diode bias control
• Voltage regulator output control
Features
• Solid-state potentiometer
• 3-wire serial up/down interface
• 100 wiper tap points
- Wiper position stored in nonvolatile memory and recalled
on power-up
• 99 resistive elements
- Temperature compensated
- End-to-end resistance range ±20%
•Low power CMOS
-VCC = 2.7V to 5.5V, and 5V ±10%
- Standby current <5µA
• High reliability
- Endurance, 100,000 data changes per bit
- Register data retention, 100 years
•RTOTAL values = 10kΩ, 50kΩ
•Packages
- 8 Ld SOIC, TSSOP, and MSOP
• Pb-free (RoHS compliant)
UP/DOWN
COUNTER
7-BIT
NONVOLATILE
MEMORY
STORE AND
RECALL
CONTROL
CIRCUITRY
ONE
OF
ONE
DECODER
RESISTOR
ARRAY
RH
U/D
INC
CS
WIPER
SWITCHES
HUNDRED
VCC
VSS
RL
RW
CONTROL
AND
MEMORY
UP/DOWN
(U/D)
INCREMENT
(INC)
DEVICE SELECT
(CS)
VCC (SUPPLY VOLTAGE)
VSS (GROUND)
RH
RW
RL
GENERAL
DETAILED
0
1
2
96
97
98
99
FIGURE 1. BLOCK DIAGRAM


Similar Part No. - X9317

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9317 INTERSIL-X9317 Datasheet
333Kb / 15P
Low Noise, Low Power, 100 Taps
September 9, 2005
X9317 INTERSIL-X9317 Datasheet
445Kb / 15P
Digitally Controlled Potentiometer (XDCP??
December 16, 2009
X9317 INTERSIL-X9317 Datasheet
1Mb / 8P
DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
X9317 RENESAS-X9317 Datasheet
625Kb / 13P
Low Noise, Low Power, 100 Taps, Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
X9317 INTERSIL-X9317 Datasheet
430Kb / 13P
Low Noise, Low Power, 100 Taps, Digitally Controlled Potentiometer
November 4, 2014
More results

Similar Description - X9317

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9317WM8Z INTERSIL-X9317WM8Z Datasheet
430Kb / 13P
Low Noise, Low Power, 100 Taps, Digitally Controlled Potentiometer
November 4, 2014
logo
Renesas Technology Corp
ISL22424 RENESAS-ISL22424 Datasheet
1Mb / 20P
Dual Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power, SPI짰 Bus, 256 Taps
X9315 RENESAS-X9315 Datasheet
715Kb / 16P
Low Noise, Low Power, 32 Taps Digitally Controlled Potentiometer (XDCP??
X9317 RENESAS-X9317 Datasheet
625Kb / 13P
Low Noise, Low Power, 100 Taps, Digitally Controlled Potentiometer (XDCP??
X93154 RENESAS-X93154 Datasheet
433Kb / 8P
Low Noise, Low Power, 32 Taps Digitally Controlled Potentiometer (XDCP??
ISL22316WM RENESAS-ISL22316WM Datasheet
206Kb / 3P
Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power I2C Bus, 128 Taps
November 11, 2011
ISL22343 RENESAS-ISL22343 Datasheet
1Mb / 19P
Quad Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, I2C Bus, 256 Taps
August 17, 2015
ISL22414 RENESAS-ISL22414 Datasheet
1Mb / 17P
Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI® Bus, 256 Taps
September 21, 2015
ISL22426 RENESAS-ISL22426 Datasheet
1,023Kb / 15P
Dual Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI™ Bus, 128 Taps
September 8, 2009
ISL22446 RENESAS-ISL22446 Datasheet
1Mb / 15P
Quad Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI™ Bus, 128 Taps
September 9, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com