Electronic Components Datasheet Search
  English  ▼

X  

FDMA1023PZ Datasheet(PDF) 5 Page - ON Semiconductor

Part # FDMA1023PZ
Description  Dual P-Channel PowerTrench® MOSFET –20V, –3.7A, 72mΩ
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMA1023PZ Datasheet(HTML) 5 Page - ON Semiconductor

  FDMA1023PZ Datasheet HTML 1Page - ON Semiconductor FDMA1023PZ Datasheet HTML 2Page - ON Semiconductor FDMA1023PZ Datasheet HTML 3Page - ON Semiconductor FDMA1023PZ Datasheet HTML 4Page - ON Semiconductor FDMA1023PZ Datasheet HTML 5Page - ON Semiconductor FDMA1023PZ Datasheet HTML 6Page - ON Semiconductor FDMA1023PZ Datasheet HTML 7Page - ON Semiconductor FDMA1023PZ Datasheet HTML 8Page - ON Semiconductor FDMA1023PZ Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
FDMA1023PZ Rev.C4
www.fairchildsemi.com
4
Typical Characteristics T
J = 25°C unless otherwise noted
Figure 1.
0.00.5
1.01.52.0
0
1
2
3
4
5
6
VGS = -4.5V
VGS = -3.0V
VGS = -2.0V
VGS = -2.5V
VGS = -1.5V
VGS = -1.8V
PULSE DURATION = 300 s
DUTY CYCLE = 2.0%MAX
-VDS, DRAIN TO SOURCE VOLTAGE (V)
On Region Characteristics
Figure 2.
01
234
56
0.6
1.0
1.4
1.8
2.2
2.6
V
GS = -2.5V
V
GS = -2.0V
V
GS = -3.0V
V
GS = -4.5V
V
GS = -1.8V
V
GS = -1.5V
PULSE DURATION = 300 s
DUTY CYCLE = 2.0%MAX
-ID, DRAIN CURRENT(A)
Normalized On-Resistance
vs Drain Current and Gate Voltage
Figure 3. Normalized On-Resistance
-50
-25
0
25
50
75
100
125
150
0.6
0.8
1.0
1.2
1.4
1.6
ID = -3.7A
VGS = -4.5V
TJ, JUNCTION TEMPERATURE
(oC)
vs Junction Temperature
Figure 4.
0
1
234
56
40
80
120
160
200
PULSE DURATION = 300 s
DUTY CYCLE = 2.0%MAX
TJ = 125
oC
TJ = 25
oC
ID = -1.85A
-VGS, GATE TO SOURCE VOLTAGE (V)
On-Resistance vs Gate to
Source Voltage
Figure 5. Transfer Characteristics
0.0
0.5
1.0
1.5
2.0
0
1
2
3
4
5
6
V
DD= -5V
PULSE DURATION = 300 s
DUTY CYCLE = 2.0%MAX
TJ = -55oC
TJ = 25
oC
TJ = 125
oC
-VGS, GATE TO SOURCE VOLTAGE (V)
Figure 6.
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1E-4
1E-3
0.01
0.1
1
10
TJ = -55oC
TJ = 25oC
TJ = 125
oC
VGS = 0V
-VSD, BODY DIODE FORWARD VOLTAGE (V)
Source to Drain Diode
Forward Voltage vs Source Current



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com