Electronic Components Datasheet Search
  English  ▼

X  

LX2173 Datasheet(PDF) 6 Page - Microsemi Corporation

Part # LX2173
Description  1.25A HIGH-EFFICIENCY 100KHZ SWITCHING REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX2173 Datasheet(HTML) 6 Page - Microsemi Corporation

  LX2173 Datasheet HTML 1Page - Microsemi Corporation LX2173 Datasheet HTML 2Page - Microsemi Corporation LX2173 Datasheet HTML 3Page - Microsemi Corporation LX2173 Datasheet HTML 4Page - Microsemi Corporation LX2173 Datasheet HTML 5Page - Microsemi Corporation LX2173 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
1.25A HIGH-EFFICIENCY 100KHZ SWITCHING REGULATOR
LX2172/73
PRODUCT DA T ABOOK 1996/1997
Copyright © 1998
Rev. 0.4
a 12/04
6
P RELIMINAR Y D AT A S HEET
THEOR Y OF OPERATION
PRELIMINARY DATA - Information contained in this document is pre-production data, and is proprietary to Linfinity. It may
not modified in any way without the express written consent of Linfinity. Product referred to herein is offered in sample form
only, and Linfinity reserves the right to change or discontinue this proposed product at any time.
FIGURE 1 — Boost Coverter Circuit Using The LX2172 / 2173
LX2172
8
7
6
5
4
3
2
1
GND
V
C
FB
SYNC
E
2
V
SW
E
1
V
IN
V
IN
+3V to +12V
V
OUT
+16V
100
Ω
22µF
180µH
V
IN
1N5817
V
IN
1.27
Ω
14.7k
Ω
V
OUT
0.03µF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com