Electronic Components Datasheet Search
  English  ▼

X  

IRFH7923PBF Datasheet(PDF) 5 Page - International Rectifier

Part # IRFH7923PBF
Description  HEXFET짰 Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFH7923PBF Datasheet(HTML) 5 Page - International Rectifier

  IRFH7923PBF Datasheet HTML 1Page - International Rectifier IRFH7923PBF Datasheet HTML 2Page - International Rectifier IRFH7923PBF Datasheet HTML 3Page - International Rectifier IRFH7923PBF Datasheet HTML 4Page - International Rectifier IRFH7923PBF Datasheet HTML 5Page - International Rectifier IRFH7923PBF Datasheet HTML 6Page - International Rectifier IRFH7923PBF Datasheet HTML 7Page - International Rectifier IRFH7923PBF Datasheet HTML 8Page - International Rectifier IRFH7923PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
IRFH7923PbF
www.irf.com
5
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
Fig 9. Maximum Drain Current Vs.
Ambient Temperature
Fig 10. Threshold Voltage Vs. Temperature
1E-006
1E-005
0.0001
0.001
0.01
0.1
1
10
100
t1 , Rectangular Pulse Duration (sec)
0.001
0.01
0.1
1
10
100
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthja + Tc
τJ
τJ
τ1
τ1
τ2
τ2
τ3
τ3
R1
R1
R2
R2
R3
R3
Ci i Ri
Ci=
τi/Ri
τa
τ4
τ4
R4
R4
τ5
τ5
R5
R5
Ri (°C/W)
τi (sec)
2.295027 0.000402
7.222539 0.013524
10.88056 0.33841
11.60807 4.926
9.99673
63.0
25
50
75
100
125
150
TJ , Junction Temperature (°C)
0
2
4
6
8
10
12
14
16
-75 -50 -25
0
25
50
75 100 125 150
TJ , Temperature ( °C )
1.0
1.2
1.4
1.6
1.8
2.0
2.2
ID = 25µA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com