Electronic Components Datasheet Search
  English  ▼

X  

IS-5114 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # IS-5114
Description  High-Performance Digital/Video Camera Processor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IS-5114 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button IS-5114 Datasheet HTML 3Page - List of Unclassifed Manufacturers IS-5114 Datasheet HTML 4Page - List of Unclassifed Manufacturers IS-5114 Datasheet HTML 5Page - List of Unclassifed Manufacturers IS-5114 Datasheet HTML 6Page - List of Unclassifed Manufacturers IS-5114 Datasheet HTML 7Page - List of Unclassifed Manufacturers IS-5114 Datasheet HTML 8Page - List of Unclassifed Manufacturers IS-5114 Datasheet HTML 9Page - List of Unclassifed Manufacturers IS-5114 Datasheet HTML 10Page - List of Unclassifed Manufacturers IS-5114 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
09/04/07
IS-5114
FI1
I
N/A
Input
Field identification signal (for interlaced output imagers)
PD[11:0]
B
2 mA
Input
Pixel data - use MSBs in case of data less than 12 bits
(PD[1:0] also programmable as Keyboard: KBD[9:8])
(PD[3:0] also programmable as GPIO)
Display Interface
VCLKI
I
N/A
Input
Video crystal connection 1 (up to 27 MHz, depending on display type)
VCLKO
O
*
X (1)
Video crystal connection 2
LFTV
O
*
X (2)
External low-pass filter for video PLL
PXOE
I
N/A
Input
Pixel output enable (active low)
PCLKO
B
8 mA
L
Pixel clock output
VBLK
B
4 mA
PXOE =
0: L
1: Input
Video, Casio LCD: Vertical blanking reference
AU LCD: VSY
Toppoly LCD: XVD
HBLK
B
4 mA
PXOE =
0: L
1: Input
Video, Casio LCD: Horizontal blanking reference
AU LCD: HSY
Toppoly LCD: XHD
FLD
B
4 mA
PXOE =
0: L
1: Input
Field select
DISP[29:24]
B
2 mA
Input
Display data
component: PR[1:0], PB[1:0], Y[1:0]
VESA: B[1:0], G[1:0], R[1:0]
(DISP[29:27] also programmable as INT[7:5])
(also programmable as SMC: A[19:14])
(also programmable as GPIO)
DISP[23:16]
B
2 mA
Input
RGB24b: B[2:0], G[1:0], R[2:0]
CVBS: NoConnect[7:2], CVBS[1:0]
Separate: NoConnect[7:4], CV_C[1:0], CV_Y[1:0]
Component: PR[4:2], PB[3:2], Y[4:2]
VESA: B[4:2], G[3:2], R[4:2]
Epson LCD: FV, FRYP, NoConnect[5:0]
(also programmable as SMC: A[23:20], Chip Select [7:4] (NCS [7:4], active
low)
(also programmable as GPIO)
Table 3-1.
I/O Signal Descriptions (Continued)
Pin Name
Direction
Drive
Strength
Reset
State
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com