Electronic Components Datasheet Search
  English  ▼

X  

MAX796ESE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX796ESE
Description  Step-Down Controllers with Synchronous Rectifier for CPU Power
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX796ESE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX796ESE Datasheet HTML 1Page - Maxim Integrated Products MAX796ESE Datasheet HTML 2Page - Maxim Integrated Products MAX796ESE Datasheet HTML 3Page - Maxim Integrated Products MAX796ESE Datasheet HTML 4Page - Maxim Integrated Products MAX796ESE Datasheet HTML 5Page - Maxim Integrated Products MAX796ESE Datasheet HTML 6Page - Maxim Integrated Products MAX796ESE Datasheet HTML 7Page - Maxim Integrated Products MAX796ESE Datasheet HTML 8Page - Maxim Integrated Products MAX796ESE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
_______________General Description
The MAX796/MAX797/MAX799 high-performance, step-
down DC-DC converters with single or dual outputs
provide main CPU power in battery-powered systems.
These buck controllers achieve 96% efficiency by using
synchronous rectification and Maxim’s proprietary Idle
Mode™ control scheme to extend battery life at full-load
(up to 10A) and no-load outputs. Excellent dynamic
response corrects output transients caused by the latest
dynamic-clock CPUs within five 300kHz clock cycles.
Unique bootstrap circuitry drives inexpensive N-channel
MOSFETs, reducing system cost and eliminating the
crowbar switching currents found in some PMOS/NMOS
switch designs.
The MAX796/MAX799 are specially equipped with a sec-
ondary feedback input (SECFB) for transformer-based
dual-output applications. This secondary feedback path
improves cross-regulation of positive (MAX796) or nega-
tive (MAX799) auxiliary outputs.
The MAX797 has a logic-controlled and synchronizable
fixed-frequency pulse-width-modulating (PWM) operating
mode, which reduces noise and RF interference in sensi-
tive mobile-communications and pen-entry applications.
The SKIP override input allows automatic switchover to
idle-mode operation (for high-efficiency pulse skipping) at
light loads, or forces fixed-frequency mode for lowest noise
at all loads.
The MAX796/MAX797/MAX799 are all available in 16-
pin DIP and narrow SO packages. See the table below
to compare these three converters.
________________________Applications
Notebook and Subnotebook Computers
PDAs and Mobile Communicators
Cellular Phones
____________________________Features
♦ 96% Efficiency
♦ 4.5V to 30V Input Range
♦ 2.5V to 6V Adjustable Output
♦ Preset 3.3V and 5V Outputs (at up to 10A)
♦ Multiple Regulated Outputs
♦ +5V Linear-Regulator Output
♦ Precision 2.505V Reference Output
♦ Automatic Bootstrap Circuit
♦ 150kHz/300kHz Fixed-Frequency PWM Operation
♦ Programmable Soft-Start
♦ 375μA Typ Quiescent Current (VIN = 12V, VOUT = 5V)
♦ 1μA Typ Shutdown Current
Step-Down Controllers with
Synchronous Rectifier for CPU Power
________________________________________________________________ Maxim Integrated Products
1
PART
MAX799
MAIN OUTPUT
SPECIAL FEATURE
3.3V/5V or adj
Regulates negative secondary
voltage (such as -5V)
MAX797
3.3V/5V or adj
Logic-controlled low-noise mode
MAX796
3.3V/5V or adj
Regulates positive secondary
voltage (such as +12V)
Idle Mode is a trademark of Maxim Integrated Products.
†U.S. and foreign patents pending.
19-0221; Rev 4; 9/05
___________________Pin Configuration
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
DH
LX
BST
DL
GND
REF
(SECFB) SKIP
SS
TOP VIEW
MAX796
MAX797
MAX799
PGND
VL
V+
CSL
( ) ARE FOR MAX796/MAX799.
CSH
FB
SHDN
SYNC
DIP/SO
Dice*
16 Narrow SO
16 Plastic DIP
PIN-PACKAGE
TEMP RANGE
0°C to +70°C
0°C to +70°C
0°C to +70°C
MAX796C/D
MAX796CSE
MAX796CPE
PART†
16 CERDIP
16 Narrow SO
16 Plastic DIP
-40°C to +85°C
-40°C to +85°C
-55°C to +125°C
MAX796MJE
MAX796ESE
MAX796EPE
Ordering Information continued at end of data sheet.
*Contact factory for dice specifications.
_______________Ordering Information
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
EVALU
ATION
KIT
AVAIL
ABLE


Similar Part No. - MAX796ESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX796ESE MAXIM-MAX796ESE Datasheet
319Kb / 32P
Step-Down Controllers with Synchronous Rectifier for CPU Power
Rev 3a; 11/97
More results

Similar Description - MAX796ESE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1874 TI-UC1874 Datasheet
350Kb / 10P
High Efficiency, Synchronous, Step-down Buck Controllers
logo
Maxim Integrated Produc...
MAX1624 MAXIM-MAX1624 Datasheet
223Kb / 24P
High-Speed Step-Down Controllers with Synchronous Rectification for CPU Power
19-1227; Rev 1; 6/97
MAX1638 MAXIM-MAX1638 Datasheet
149Kb / 16P
High-Speed Step-Down Controller with Synchronous Rectification for CPU Power
19-1313; Rev 0; 11/97
MAX1639 MAXIM-MAX1639 Datasheet
108Kb / 13P
High-Speed Step-Down Controller with Synchronous Rectification for CPU Power
19-1337; Rev 0; 2/98
MAX796 MAXIM-MAX796 Datasheet
319Kb / 32P
Step-Down Controllers with Synchronous Rectifier for CPU Power
Rev 3a; 11/97
MAX797H MAXIM-MAX797H Datasheet
59Kb / 8P
High-Voltage, Step-Down Controller with Synchronous Rectifier for CPU Power
Rev 0; 7/97
MAX798 MAXIM-MAX798 Datasheet
89Kb / 12P
High-Accuracy Step-Down Controller with Synchronous Rectifier for CPU Power
Rev 0; 12/96
logo
Texas Instruments
UC3874N-2G4 TI-UC3874N-2G4 Datasheet
417Kb / 12P
High Efficiency, Synchronous, Step-down (Buck) Controllers
UC3874N-2G4 TI1-UC3874N-2G4 Datasheet
417Kb / 12P
High Efficiency, Synchronous, Step-down (Buck) Controllers
logo
Maxim Integrated Produc...
MAX797CSE-T MAXIM-MAX797CSE-T Datasheet
1,005Kb / 32P
Step-Down Controllers with Synchronous Rectifier for CPU Power
Rev 4; 9/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com